Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 40 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 36Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 37Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 38Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 39Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 40Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 41Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 42Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 43Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
40
D E S O L D E R I N G P U M P S
Features
I Precision regulated return.
I Replaceable tip.
I Compact, anti-corrosive plastic housing.
I Precision metal plunger.
I Sealed vacuum chamber.
I Easy cleaning.
I 8” Long including tip
Part No.
Description
DP-140
Desoldering Pump
DPT-100
1 Replacement Tip, DP-100/DP-140
A specially engineered desolder pump made to exacting
specifications and providing precise repeatable operation. Fitted
with a Teflon Tip. 13” long including tip
HIGH-VACUUM DESOLDERING PUMPS
Features
I Durable corrosion resistant
plastic construction.
I Precision metal plunger.
I Corrosion treated springs.
I Insulated vacuum pulse.
I Regulated return (1 millisecond ±30%).
I Uniform reset pressure (11in. lbs. ±20%).
I Cushioned shock reduction (pulse release
to minimize board damage).
Part No.
Description
DP-100
High Vacuum Desoldering Pump
DP-200
High Vacuum Desoldering Pump, ESD Safe
DPT-100
1 Replacement Tip, DP-100/DP-140
DPT-200
1 Replacement Tip, DP-200
STATIC SAFE
DP-140
DP-100
DP-200
DPT-100
DPT-200
STATIC SAFE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn