Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 38 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 34Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 35Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 36Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 37Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 38Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 39Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 40Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 41Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
38
Wire Dispenser - WD-30 Series
I
With 50ft. (15.2m) Roll of
30 AWG (0.25mm) Kynar®
wire-wrapping wire
I
Built-in Plunger cuts
wire to desired length
I
Built-in Stripper strips
1" (25.4mm)
of insulation
I
Refillable
Replacement Rolls of Wire
For WD-30 Series
Wire for wire-wrapping.
30 AWG (0.25mm) Kynar® wire,
50ft. (15.2m) roll, silver plated, solid
conductor easy stripping.
Part No.
Description
WD-30-B
Dispenser with 50’ of Blue wire
WD-30-Y
Dispenser with 50’ of Yellow wire
WD-30-W
Dispenser with 50’ of White wire
WD-30-R
Dispenser with 50’ of Red wire
WD-30-TRI
Dispenser with 50’ each Blue, White and Red wire
WD-30-B
R-30R-0050
WIRE WRAPPING WIRE
Part No.
Description
R-30B-0050
30 AWG (0.25mm) Blue 50ft. for WD-30-B
R-30Y-0050
30 AWG (0.25mm) Yellow 50ft. for WD-30-Y
R-30W-0050
30 AWG (0.25mm) White 50ft. for WD-30-W
R-30R-0050
30 AWG (0.25mm) Red 50ft. for WD-30-R
R-30-TRI
30 AWG (0.25mm) Red, White, Blue
50ft (15.2m) roll, each color for WD-30-TRI
Pre-Cut and Pre-Stripped Wire Wrapping Wire
I
50 pieces
per package
I
Kynar® insulated
I
Silver plated
copper conductor
I
UL listed
I
1” of stripped wire
on either end
I
Add 2” to the insulation
length (see chart below)
for total length of wire
30 AWG (0.25mm) Pre-Cut/Pre-Stripped Wire 50 Pieces/Pkg.
Insulation
Length
In. mm
White
Yellow
Blue
Red
1
25
30-W-50-010
30-Y-50-010
30-B-50-010
30-R-50-010
2
51
30-W-50-020
30-Y-50-020
30-B-50-020
30-R-50-020
3
76
30-W-50-030
30-Y-50-030
30-B-50-030
30-R-50-030
5
127
30-W-50-050
30-Y-50-050
30-B-50-050
30-R-50-050
KSW Wire Wrapping Wire Rolls for Cut/Strip/Wrap Applications
Low strip force Kynar® insulated silver plated copper conductor wire is further processed to provide a low strip force for use with
CSW bits and sleeves. Ideally suited for wire wrapping and many other applications. OFHC (oxygen free high conductivity)
provides a flexible yet abrasion resistant wire
Wire Size
Insulation Dia.
Roll Size
AWG
mm
In.
mm
Feet Meters
Blue
Yellow
White
Black
Red
24
0.50
.030
0.76
100
30.4
KSW 24B-0100
KSW 24Y-0100
KSW 24W-0100
KSW 24BLK-0100
KSW 24R-0100
26
0.40
.027
0.69
100
30.4
KSW 26B-0100
KSW 26Y-0100
KSW 26W-0100
KSW 26BLK-0100
KSW 26R-0100
28
0.32
.024
0.60
100
30.4
KSW 28B-0100
KSW 28Y-0100
KSW 28W-0100
KSW 28BLK-0100
KSW 28R-0100
30
0.25
.020
0.50
100
30.4
KSW 30B-0100
KSW 30Y-0100
KSW 30W-0100
KSW 30BLK-0100
KSW 30R-0100
1000
304.0
KSW 30B-1000
KSW 30Y-1000
KSW 30W-1000
KSW 30BLK-1000
KSW 30R-1000
KYNAR® Insulated, Silver Plated Copper Conductor
Ideally suited for wire wrapping and many other applications. OFHC (oxygen free high conductivity) provides a flexible yet
abrasion resistant wire
Wire Size
Insulation Dia.
Roll Size
AWG
mm
In.
mm
Feet Meters
Blue
Yellow
White
Black
Red
24
0.50
.030
0.76
100
30.4
R24B-0100
R24Y-0100
R24W-0100
R24BLK-0100
R24R-0100
26
0.40
.027
0.69
100
30.4
R26B-0100
R26Y-0100
R26W-0100
R26BLK-0100
R26R-0100
28
0.32
.024
0.60
100
30.4
R28B-0100
R28Y-0100
R28W-0100
R28BLK-0100
R28R-0100
30
0.25
.020
0.50
100
30.4
R30B-0100
R30Y-0100
R30W-0100
R30BLK-0100
R30R-0100
1000
304.4
R30B-1000
R30Y-1000
R30W-1000
R30BLK-1000
R30R-1000
UL Listed


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn