Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 37 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 33Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 34Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 35Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 36Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 37Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 38Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 39Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 40Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
37
COPPER WIRE CUT & STRIP TOOLS
These Precision Wire Strippers feature
an adjustment dial that allows the
operator to select one of six different
settings. A calibrated wire stop can
then be adjusted for the desired
insulation strip length. In a single
motion, the operator squeezes and
pulls the tool. This action engages
four specially hardened blades to
cleanly cut the wire insulation while
the
pulling
motion
breaks
the
insulation / conductor bond.
Part No.
ST-450
ST-500
ST-500ESD
ST-550
For ESD Use
Wire Gauge
26-36 AWG
20-30 AWG
20-30 AWG
18-28 AWG
0.40 to 0.12mm
0.80 to 0.25mm
0.80 to 0.25mm
1.00 to 0.30mm
Housing Material
ABS
ABS
ESD Safe Polycarbonate
ABS
I
Adjustable to six wire gauges:
ST-450 26 to 36 AWG (0.40 to 0.12mm)
ST-500 20 to 30 AWG (0.80 to 0.25mm)
ST-500ESD 20 to 30 AWG (0.80 to 0.25mm)
ST-550 18 to 28 AWG (1.00 to 0.30mm)
I
Calibrated Wire Stop adjustable to 2” (50.8mm)
I
Clean, precise strip of any insulation type
I
Lightweight-weighs 1 oz.
I
Blade is hardened steel (RC58)
I
Dimensions 3.9” x 1.6” x 0.6”
(99 mm x 42 mm x 14 mm)
ST-550
ST-500ESD
ADJUSTABLE PRECISION WIRE STRIPPERS
The JIC-1022 Wire Stripper and Cutter is designed to strip and cut
the most commonly used stranded and solid wire gauges 10 to
22 AWG and 1.6-3 mm fiber jackets. The JIC-1626 Wire Stripper
and Cutter is designed for 16 to 26 AWG wire. The JIC-2030 Wire
Stripper and Cutter is designed for 20-30 AWG wire.
Other features include a coil spring opening to reduce fatigue,
wire looping, bending holes conveniently located, black oxide
finish, locking mechanism, and cutting surfaces that are
hardened, tempered and ground for superior performance. 6 3/4”
long and weighing just 4.5 ounces.
WIRE STRIPPER AND CUTTER
Part No.
Description
JIC-1022
Wire Stripper and Cutter 10-22 AWG
JIC-1626
Wire Stripper and Cutter 16-26 AWG
JIC-2030
Wire Stripper and Cutter 20-30 AWG


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn