Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 35 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 31Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 32Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 33Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 34Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 35Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 36Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 37Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 38Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
35
To switch from wire wrapping to unwrapping takes only seconds - just a quick change of the cap from one end to the other.
HAND WRAPPING AND UNWRAPPING TOOLS
HAND WRAPPING AND
UNWRAPPING TOOLS
These Hand Wrapping and Unwrapping Tools
are carefully designed to produce perfect wire
wrapped connections. Precision, long-lasting
tools for use where occasional wraps are
required or where power wire-wrapping tools
are not practical. Compact and convenient.
Max.
Terminal
Terminal
Terminal
Terminal
Part
Wire Size
Insulation
Hole
Hole
Outside
Wire Size
Hole
Hole
Outside
Number
Reg Mod
Diameter
Diameter
Depth
Diameter
Diameter
Depth
Diameter
AWG
mm
In.
mm
In.
mm
In.
mm
In.
mm AWG
mm
In.
mm
In.
mm
In.
mm
HW-UW-18-19
G
18-19
1.00-0.91
-
-
.075
1.90 1.000
25.40
.250
6.35
18-19 1.00-0.91 .075
1.90
1.000 25.40
.187
4.74
HW-UW-20
G
20
0.80
-
-
.075
1.90 1.000
25.40
.218
6.35
20-26 1.00-0.91 .070
1.77
1.000 25.40
.156
3.96
HW-UW-224
G
22-24
0.65-0.50
-
-
.075
1.90
.807
20.50
.218
5.53
20-26 0.80-0.40 .070
1.77
1.000 25.40
.156
3.96
HW-UW-224-1
G
22-24
0.65-0.50
-
-
.075
1.90 1.000
25.40
.218
5.53
20-26 0.80-0.40 .070
1.77
1.000 25.40
.156
3.96
HW-UW-2426
G
24-26
0.50-0.40
-
-
.075
1.90
.750
19.05
.218
5.53
20-26 0.80-0.40 .070
1.77
1.000 25.40
.156
3.96
HW-UW-26
G
26
0.40
-
-
.075
1.90 1.000
25.40
.218
5.53
20-26 0.80-0.40 .070
1.77
1.000 25.40
.156
3.96
HW-UW-26SM*
G
26
0.40
.031 0.79
.040
1.02
.750
19.05
.125
3.17
24-32 0.50-0.20 .038
0.96
1.000 25.40
.093
2.36
HW-UW-2829M*
G
28-29
0.32-0.29 .036 0.91
.040
1.02
.750
19.05
.156
3.96
24-32 0.50-0.20 .038
0.96
1.000 25.40
.093
2.36
HW-UW-30*
G
30
0.25
.027 0.69
.036
0.91
.750
19.05
.125
3.17
24-32 0.50-0.20 .038
0.96
1.000 25.40
.093
2.36
WDUD-26DS†
G
26
0.40
-
-
.075
1.90 1.000
25.40
.218
5.53
20-26 0.80-0.40 .070
1.77
1.000 25.40
.156
3.96
W R A P P I N G S I D E
U N W R A P P I N G S I D E
*These tools are recommended for .025" (0.63mm) square terminals on .100" (2.54mm) centers. A modified wrap provides 1.5 – 2 turns of insulation.
Insulated handle for dielectric protection.
HAND WRAPPING AND
UNWRAPPING TOOLS
NOTE: WDUD-26DS has an insulated handle to prevent shocks (for use on DSL lines)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn