Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 29 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 25Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 26Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 27Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 28Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 29Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 30Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 31Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 32Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
29
The combination of the G100/R3394CT unwrap tool and the PUW unwrap bit &
sleeve set gives you the best tool for high speed wire unwrapping. High
production, long life, low maintenance. Use Unwrap Set PUW2226 for wire AWG
20 thru 26 (0.80 thru 0.40mm).
Unwrap Bit
Unwrap Sleeve
Bit and Sleeve Set
Wire Size
Terminal Hole Diameter
Part No.
Part No.
Set No.
AWG
mm
Inches
mm
2026UB
SOK2230
PUW2226
20-26
0.80-0.40
.070
1.77
G100/R3394CT
G100/R3278 Aluminum
G100/R3278FL
I G200/R3278 : Lexan™
I G100/R3278 : Aluminum
I G100/R3278INS : Aluminum (insulated)
I G100/R3278FL Aluminum Insulated with
LED Flashlight
I Bits & Sleeves : see pages 30-32
I
G100/R3394CT : Manual Wire Unwrapping Tool
(See bit & sleeve listed below)
MANUAL WIRE UNWRAPPING TOOL
M A N U A L W I R E W R A P P I N G T O O L S
G200/R3278 Lexan™
G100-FL
G100-FLA
G100/R3278INS Insulated
For precise reliable wraps, choose the tool you want.
We offer durability with our rugged aluminum tool,
G100/R3278, added protection with our insulated
version, G100/R3278INS, providing 1000V of dielectric
strength across most of the housing, and the same
reliability, light weight plus a lower cost with our
Lexan® model, G200/R3278. G100/R3278FL is the
insulated version with an LED flashlight attached.
These tools accommodate wire sizes from 18 AWG
(1.00mm) thru 32 AWG (0.20mm).
MANUAL WIRE WRAPPING TOOLS
Part No.
Construction
For Use With
G100-FL
Metal
G100/R3278, G100/R3278INS, WG-350, WG-350INS
G100-FLA
Plastic
Universal-for use with most manual wire wrapping guns
WIRE WRAPPING FLASHLIGHT KIT
Also available– bits and sleeves for old
style chuckless wire wrapping tools


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn