Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 28 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 24Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 25Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 26Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 27Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 28Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 29Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 30Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 31Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
28
Min. Terminal Max. Terminal
Terminal
Terminal Hole
Effective
Part #
Description
Wire Size
Diagonal
Diagonal
Hole Depth
Diameter
Radius
AWG MM
IN.
MM
IN.
MM
IN.
MM
IN.
MM
IN.
MM
DFB224
Wrap/Unwrap Bit/Sleeve Set 22-24 AWG
22/24 .50/.65
.054
1.37
.073
1.85
0.50
12.70 .075
1.90
.111
2.82
KB-DF224
Replacement bit for DFB224
P-DF224
Replacement Sleeve for DFB224
DFB2426
Wrap/Unwrap Bit/Sleeve Set 24-26 AWG
24/26 .40/.50
.054
1.37
.065
1.65
0.50
12.70 .066
1.67
.098
2.48
KB-DF2426 Replacement bit for DFB2426
P-DF2426
Replacement Sleeve for DFB2426
The Wrap/Unwrap bit is shipped with the sleeve set in the wrap position. To change to the unwrap function simply pull
the sleeve out approximately 1/4” (the sleeve is spring loaded and you should feel some tension while pulling forward),
rotate the sleeve in either direction 1800 and release. The sleeve should now be seated approximately 1/4” lower than
in the wrap position. This will expose the unwrap feature on the bit.
To change back to the wrap position pull the sleeve out approximately 1/2” and rotate the sleeve in either direction
1800 and release. The spout should be in the 12:00 position and the sleeve should be locked in position.
Note: If you cannot rotate the sleeve, you need to pull the sleeve out further before trying to rotate the sleeve.
D F B 2 2 4 & D F B 2 4 2 6 D U A L F U N C T I O N B I T / S L E E V E S E T S
HOW TO USE THE DFB224 & DFB2426
DUAL FUNCTION
W R A P
/UNWRAP BIT & SLEEVE SETS
This innovative Patented product represents a truly revolutionary approach to wire wrapping, by combining
both the wrap and the unwrap functions into one bit/sleeve set. The bit is precision machined for high quality
wrapping in the clockwise direction, but also includes the removal mechanism that is used to unwrap when
operated counterclockwise. The user can quickly and easily switch back and forth between wrap and unwrap
mode by retracting or extending the retractable sleeve, and flipping the switch on a wrap/unwrap power tool
(i.e., a power wire wrapping tool with reversible motor). This product, which can wrap or unwrap 22–26 AWG
wire (depending on set), enables the user to maximize operating efficiency while eliminating the need to
purchase and carry extra tools or bits for unwrapping. Also, to prevent pin-to-pin shorting, the retractable sleeve
is coated with a durable 1000V dielectric material.
Note: The DFB set can only be used with the PTX or other powered wire wrapping tools with a reverse mode.
PATENTED


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn