Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 27 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 23Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 24Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 25Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 26Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 27Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 28Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 29Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 30Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
27
PTX SERIES BATTERY
W I R E W R A P P I N G
& U N W R A P P I N G T O O L S
BATTERY POWERED
LONG
-LIFE NIMH BATTERY
PTX-B
PTX-BC1
H-1000
DFB224
The Patented PTX Series Wire Wrapping Tools from OK
Industries bring revolutionary new benefits to installers,
telecom technicians and other users. With worker safety
in mind, we consulted a certified ergonomist and created
an ergonomic tool, which includes a lightweight, well-
balanced construction, dual-finger short-throw trigger,
and a long handle to mitigate pressure on the palm.
These features help to prevent repetitive stresses and
result in an industry-leading design from a comfort and
safety standpoint. Ask for the PTX Series Wire Wrapping
Tools from OK Industries — and arm your workers with
the tools that offer efficiency and worker safety in your
interconnect activity.
KEY FEATURES
I
Ergonomic Design — Minimizes Repetitive Stress
I
Rugged Construction
I
Wraps and Unwraps 18 to 30 AWG Wire
I
Rated Maximum Usage: 2,500 cycles/day
I
For Bits & Sleeves: see Pages 28, 30-32
Part No.
Description
Weight
Voltage
RPM
PTX
Battery Wrap/Unwrap Tool (Battery not included)
1.1 lb.
3.6V*
3700
PTX-KIT1
115V battery tool kit (tool, charger, 2 batteries)
3.5 lb.
3.6V*
3700
PTX-KIT1DH
PTX-KIT1 w/DFB224 and H-1000
3.6 lb.
3.6V*
3700
PTX-KIT2
230V battery tool kit (tool, charger, 2 batteries)
3.5 lb.
3.6V*
4200
* Powered by long-life NiMH battery
ORDERING INFORMATION AND PRODUCT SPECIFICATIONS
Low Battery Indicator
High Power Motor
Reverses for
Unwrapping
Permanently
Attached
Collet Nut
Ergonomic,
Rugged
Tool Design
Wrap
Unwrap
Switch
PATENTED
ACCESSORIES
I
PTX-B
PTX Battery, 3.6V
I
PTX-BC1
115V Battery Charger
I
PTX-BC2
230V Battery Charger
I
H-1000
Cordura Tool Pouch
I
PTX-FLA
Flashlight Attachment
I
DFB224
Wrap/Unwrap Bit & Sleeve Set
I
DFB2426
Wrap/Unwrap Bit & Sleeve Set
PTX-FLA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn