Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 24 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 20Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 21Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 22Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 23Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 24Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 25Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 26Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 27Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
24
W I R E F I S H I N G
MAGNAMOLE MAGNETIC CABLE FISHING GUIDE
Wire Fishing Made Easy! Quickly threads wire and cable through cavity walls and void
spaces. Threads at an angle and safely through other wire and cable obstacles.
Saves time, saves money, and sharply reduces the risk of accidents.
MAGNETIC CABLE RETRIEVAL SYSTEM
A magnetic cable retrieval system which couples the
cable with the pulling device through drywall, allowing
the user complete control. Designed for both residential
and commercial applications.
JONARD
DESCRIPTION
CAP COLOR & CABLE
USED WITH THE
QUANTITY
P/N
DIAMETER
FOLLOWING CABLE
ACCOMMODATION
MM-800
Magnamole Magnetic Cable retrieval System
MM-110
Replacement Magnets
(Red) .169” to .205”
CAT5
Includes 3 magnetic
(Blue) .230” to .295
RG6, RG6 TRI, RG6 QUAD
caps of each color
MM-120
Replacement Magnets
(White) .145” to .169”
CAT3, 3.1mm Simplex fiber
Includes 2 magnetic
Optic Cable, CAT5, CAT5e
caps of each color
(Gray) .173” to .201”
RG59, 12AWG Romex
(Black) .205” to .232”
JONARD
P/N
DESCRIPTION
MP-700
Magnetic Cable Retrieval System
MP-100
1/2” Drop magnet with leader
MP-210
3/4” Drop Magnet with leader
MP-220
3/4” Drop Magnet without leader
MP-700
MM-800
• New 30% stronger magnet!
• Pulls cable through insulation in seconds
• Reduces cable fishing time by 70%
• Eliminates wall damage from misplaced holes in the wall
• Learn to use the system in seconds
• Can be used as a stud finder
• Reduces time spent in attic
• Makes wire fishing a definable process
• 44% TIME SAVINGS Six Sigma certified
• Dramatically reduces shock risk
• Easy to use- No experience required
• Diamond Award Winning Design
MP-700 KIT INCLUDES:
• Retriever Unit
• 3/4” Drop Magnet with pull line
• Jack Chain
• Instructional DVD
• Convenient Carrying Case
Magnepull by Jonard Industries
MM-800 KIT INCLUDES:
• 1 magnetic rod
• 2 magnetic extensions
• 5 magnetic caps
PATENTED
PATENTED


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn