Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 23 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 19Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 20Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 21Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 22Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 23Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 24Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 25Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 26Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
23
CABLE RING TOOL
This cable ring tool is designed for cutting the sheathing of
inside type plastic, fabric or rubber covered cable 3/16”, 1/4”,
3/8”, & 1/2”. Durable metal handle. Tool is supplied with 1
replacement blade. 5 1/2” long.O
JIC-2060
RB-2060
W I R E F I S H I N G , S E W I N G , P U L L I N G
CABLE SEWING NEEDLE-METAL
Durable red anodized aluminum handle with curved notched
sewing needle. Designed to harness or lace multiple lead
bundles. 5 3/4” long. Replacement needles are also available.
JIC-287
WIRE LOOP PULLER-METAL
Durable red anodized aluminum handle facilitates pulling
wire through terminal blocks, rings on main frame or fanning
strip holes. JIC-2257M overall length is 8 1/2” and JIC-2257M-
12 overall length is 15”.
JIC-2257M
CABLE SEWING NEEDLE-INSULATED
Xylan insulated cable sewing needle has a yellow lightweight
molded grip handle that will harness or lace multiple lead
bundles. 5 1/2” long.
JIC-3209
WIRE LOOP PULLER- INSULATED
Xylan insulated wire loop puller facilitates pulling wire
through terminal blocks, rings on main frame, or fanning
strip holes. The yellow plastic lightweight handle fits snugly
and is easy to hold in your hand. 8” long.
JIC-2257
STRAIGHT METAL NEEDLE
This”Chicago type” straight metal needle is designed for
cable sewing. This tool, made of the finest steel is for anyone
in the cable industry. Needle is .016” thick and 12” long.
RB-2257
RB-287
JIC-284
JONARD
P/N
DESCRIPTION
JIC-2060
Cable Ring Tool
RB-2060/6
Pkg. of 6 Replacement Blades
JONARD
P/N
DESCRIPTION
JIC-2257
Wire Loop Puller
JONARD
P/N
DESCRIPTION
JIC-3209
Cable Sewing Needle
JONARD
P/N
DESCRIPTION
JIC-284
Straight Metal Needle
JONARD
P/N
DESCRIPTION
JIC-2257M
Wire Loop Puller Overall Length 8 1/2”
JIC-2257M-12
12” Wire Loop Puller Overall Length 15”
RB-2257/6
Pkg. of 6 Replacement Loops for
JIC-2257M only
JONARD
P/N
DESCRIPTION
JIC-287
Cable Sewing Needle
RB-287/6
Pkg. of 6 Replacement Needles


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn