Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 17 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 13Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 14Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 15Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 16Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 17Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 18Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 19Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 20Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
17
CATV & SATELLITE TORQUE
WRENCHES
TORQUE WRENCH
Designed for “F” Connectors, these wrenches help prevent over
tightening. An audible click tells you the connection has been properly
achieved. These wrenches all have angled heads, sized for 7/16” F
connectors and are designed with an ergonomic cushioned handle for
user comfort and protection. The last two digits of the part number
indicate the inch pounds of torque (either 20 or 30 inch pounds) and
the first four letters indicate whether the head is a speed head or a
full head (TWAF is full and TWAS is speed). Note that these wrenches
work in tightening mode only. Torque wrenches are 6 1/2” long.
JONARD
P/N
DESCRIPTION
TWAF-71620
Torque Wrench Full Head 20 Inch Pounds
TWAS-71620
Torque Wrench Speed Head 20 Inch Pounds
TWAF-71630
Torque Wrench Full Head 30 Inch Pounds
TWAS-71630
Torque Wrench Speed Head 30 Inch Pounds
TWSW-40
TWAF-71620
TWAS-71620
SST-716AT
SECURITY SHIELD TOOL
Used with 7/16" hex shielded F Connectors. Design includes
extended 7/16" shank for ease of use with Torque Wrenches in
security shield applications. Machined and heat-treated steel for
maximum durability with black oxide finish. Knurled handle for
secure gripping and includes a steel loop for turning leverage and
carrying.
Note: SST-716AT is designed for use where security shield
applications for PPC AquaTight® EX Series connectors are used.
JONARD
P/N
DESCRIPTION
SST-716
Security Shield Tool
SST-716AT
Security Shield-Aqua Tight Tool
SST-716
JONARD
P/N
DESCRIPTION
TWSW-40
Torque Wrench Swivel Head
40 inch pounds
TORQUE WRENCH SWIVEL HEAD
Used to properly torque cable shield bond connectors and
other ground connections. Head swivels 90° in 2 directions
and is factory set for 40 in./Lb. Can be used with any 3/8”
drive sockets. Audible click when proper torque is achieved.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn