Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 15 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 11Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 12Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 13Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 14Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 15Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 16Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 17Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 18Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
15
ES-1964
JIC-186
F I B E R O P T I C & C AT V T O O L S
JONARD
P/N
DESCRIPTION
JIC-186
Wire & Kevlar Cutting Shears
ERGONOMIC FIBER OPTIC KEVLAR® CUTTER
High carbon stainless steel blades designed to cut Kevlar®, cabling insulation,
tape, cable ties and other material.
Ergonomic handles for user comfort and durability. Adjustable joint screw
under protective cap, serrated blades grip material, sharp and durable 6” long.
JONARD
P/N
DESCRIPTION
ES-1964
Electrician Scissors
ELECTRICIAN SCISSORS
The Electrician Scissors are designed for heavy duty use.
Made of high carbon steel with a special hardening process for greater
durability and nickel plated for that professional look. Notched to strip 19
and 23 AWG wire and one blade is serrated. A scraper and file are on the
back of the blade.
ERGONOMIC ELECTRICIAN SCISSORS
These Ergonomic Electrician scissors are designed for heavy duty use. Made of
high carbon steel with a special hardening process for greater durability and
nickel plated for that professional look. Notched to strip 19 & 23 AWG wire
and one blade is serrated. A scraper and file are on the back of the blade.
ES-1964ERG
JONARD
P/N
DESCRIPTION
ES-1964ERG
Ergonomic Electrician Scissors
JONARD
P/N
DESCRIPTION
KSS-1
Knife & Scissor Sharpener
CABLE SPLICING KNIFE
The tough cutlery steel blade is extremely sharp and cuts easily through many
types of insulation. It holds its edge with repeated use and features a non-slip
easy grip handle for better control and reduced hand fatigue. Blade length is
1 3/4” and overall length is 6 1/4”
JONARD
KNIFE & SCISSOR SHARPENER
Sharpen knives and scissors with one convenient sharpener. Made of high-grade
tungsten-carbide steel and diamond polished. Will restore the edge on either
scissors or knives with 3-4 simple strokes. Safety finger guard, lightweight
compact design makes this the ideal tool for all your sharpening needs.
KN-7
KSS-1
JONARD
P/N
DESCRIPTION
KN-7
Cable Splicing Knife
JONARD
P/N
DESCRIPTION
TK-400
3 Piece Splicer’s Kit
H-40
Leather Pouch
KN-7
Ergonomic Cable Splicing Knife
ES-1964
Electrician Scissor
SPLICER’S KIT TK-400
This compact kit contains an ergonomic splicers knife, scissor and leather
pouch. The knife features a 1 3/4” tough, cutlery-steel blade and a non-slip
handle. The scissors are made of high carbon steel with scraper and file on
one side and 2 stripping notches on the other. Both items fit securely in the
leather pouch which can be mounted on belts up to 2” wide.
H-40
TK-400
KN-7
ES-1964


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn