Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 14 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 10Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 11Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 12Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 13Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 14Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 15Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 16Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 17Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
14
F I B E R O P T I C & C AT V T O O L S
JONARD
P/N
DESCRIPTION
JIC-4366
Optical Fiber Sheath Stripper
& Ring Tool
RB-2060/6
Pkg. of 6 Replacement Blades for
ring feature of tool
RB-2878/6
Pkg. 6 replacement blades for
stripper feature of tool
JONARD
P/N
DESCRIPTION
JIC-1022
Fiber Jacket Stripper
FIBER JACKET STRIPPER
The Wire Stripper and Cutter is designed to strip and
cut the most commonly used stranded and solid wire
gauges 10 to 22 AWG and 1.6-3 mm fiber jackets.
OPTICAL FIBER CABLE SHEATH STRIPPER &
RING TOOL
Used for stripping and butting tight buffer optical
fiber cables. Use one blade to butt PVC sheathing
and use the second blade to strip the sheathing.
Adjustable for .018” or .031” thick plastic, rubber
or fabric insulation. Also known as CT2860.
RB-2878
RB-2060
JIC-4366
THERMAL FIBER OPTIC STRIPPER FIXED BLADE
Thermo-mechanically remove coatings from optical
fibers. High strength thermal stripper supports standard
125µm optical fibers, including 250 µm, 400 µm, and
900 µm coated fibers. The heater is adjustable to 200°C
and facilitates stripping difficult and baked-on coatings.
Adjustable temperature and time settings to adapt to a
variety of different coatings. Compact design, weighs
less than a pound. Includes A/C power supply, cord and
cleaning brush. Platforms supplied separately.
THERMAL FIBER OPTIC STRIPPER ADJUSTABLE
BLADE
Thermo-mechanically remove coatings from optical
fibers. High strength thermal stripper with adjustable
stripping blade, which supports cladding diameters
40µm to 1000 µm acrylate coated fibers with buffer
diameters up to 1200 µm. The heater is adjustable to
200°C and facilitates stripping difficult and baked-on
coatings. Adjustable temperature and time settings to
adapt to a variety of different coatings. Compact
design, weighs less than a pound. Includes A/C power
supply, cord and cleaning brush. Platforms supplied
separately.
For Fitel, Fujikura and Ericsson fiber holders use the
corresponding platforms, for LDF and all others without
fiber holders use the Jonard Universal Clamp.
JONARD
P/N
DESCRIPTION
TSFB-125
Thermal Stripper Fixed Blade
TSAB-40
Thermal Stripper Adjustable Blade
JONARD
P/N
DESCRIPTION
TSPE-125
Ericsson Style Platform
TSPF-125
Fitel/Fujikura Style Platform
TSUC-40
Universal Clamp
TSAB-40
TSPE-125
TSPF-125
TSUC-40
JIC-1022


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn