Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 9Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 10Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 11Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 12Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 13Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 14Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 15Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 16Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
13
F I B E R O P T I C & C AT V T O O L S
JONARD
P/N
DESCRIPTION
TK-375
3 Piece Fiber Optic Kit
H-35
Plastic Molded Pouch
JIC-375
Fiber Optic Stripper- 3 Hole
ES-1964
Electrician Scissor
THREE PIECE FIBER OPTIC KIT
Kit includes the JIC-375 Fiber Optic Stripper three hole,
ES-1964 Electrician's Scissor, and convenient molded plastic
pouch made of durable PVC material and will accommodate
belts up to 2” in width.
H-35
JIC-375
ES-1964
TK-375
SCREWDRIVER, JEWELER'S TYPE
Used to terminate the battery backup in the fiber ONT.
Screwdriver has concaved swivel knob to fit the finger and
hexagonal shape to prevent rolling. Solid blade made of high
quality hardened tool steel. .100" blade width. 4” long.
SD-63
JONARD
P/N
DESCRIPTION
SD-63
Jeweler’s Screwdriver
UNIVERSAL CRIMPER
This fully ratcheted crimper offers exceptional performance. Designed
for minimal closing force (higher crimp force produced with lower hand
force), plus there is no break-over hand force making the last click easily
achievable. The head is angled to lessen the need to bend the wrist awkwardly, die
changes are made quickly and easily, ergonomic handles are dual component with a soft
rubber insert plus the tool includes a built in safety release mechanism. Very durable steel
housing accommodates both Fiber Optic and Coax dies.
UC-8000
JONARD
P/N
DESCRIPTION
UC-8000
Universal Crimper
UC-8012
Universal Crimper with COAX Die
UC-8039
Universal Crimper with Fiber Optic Die
UCD-2045
Coax Crimping Die
UCD-2685
Fiber Optic Crimping Die
UCD-2685
UCD-2045
JONARD
P/N
SPECIFICATIONS
CABLE SIZE
UCD-2685 Fiber
.151”/.178”/.134”/.139”/.190”
Fiber Optic ST, SC, LC
Optic
3.84mm/4.52mm/3.40mm/3.53mm Connectors
4.83mm
UCD-2045 COAX
.068”/.262”/.324”/.360”
CATV “F” Connectors
1.73mm/6.65mm/8.23mm/9.14mm RG59/RG6
.178
.139
.151
.134
.190


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn