Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 12 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 8Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 9Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 10Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 11Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 12Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 13Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 14Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 15Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
12
JONARD
P/N
DESCRIPTION
JIC-125
Fiber Optic Stripper
JIC-125
JIC-375
F I B E R O P T I C & C AT V T O O L S
JONARD
P/N
DESCRIPTION
JIC-175
Fiber Optic Stripper Ergonomic
JONARD
P/N
DESCRIPTION
JIC-375
Fiber Optic Stripper- 3 Hole
FIBER OPTIC STRIPPER
For stripping 250 micron buffer coating from 125 micron
optical fiber. Preset at the factory so no adjustments are
necessary. Yellow plastic dipped handles 5 3/16” long
ERGONOMIC FIBER OPTIC STRIPPER
Used for stripping the 250 micron coating from the 125
micron optical fiber. Preset at the factory so no adjustments
are necessary. Yellow plastic formed handles, tool is 6” long.
FIBER OPTIC STRIPPER THREE HOLE
Three hole Fiber Optic Stripper performs all common fiber
stripping functions. Strips the 1.6-3 mm fiber jacket down to
the 900 micron buffer coating. The second hole strips the 600-
900 micron buffer coating down to the 250 micron coating
and the third hole is used to strip the 250 micron cable down
to the 125 micron glass fiber. JIC-375 is 6” long.
JONARD
P/N
DESCRIPTION
FOD-2000
Fiber Optic Drop Cable Slitter
FOD-RB25
Replacement Blades 25/pk
JONARD
P/N
DESCRIPTION
CST-1900
Round Cable Stripper
CST-7915
Replaceable Cutting Blade
JIC-175
ROUND CABLE STRIPPER
The CST-1900 is designed for fast and precise
jacket removal of PVC, rubber, PE and other
jacket materials, and works well on round cables
with diameters ranging from 3/16" to 1-1/8"
(4.5-29 mm). This is a Triple Action Tool, cutting
longitudinally for end stripping, spiral for end
stripping and mid-span cuts, and circular for
jacket removal. A simple versatile easy to use
tool your customers will love. The Replaceable
Cutting Blade is spring loaded, adjustable for
various cable diameters, provides a 90° blade
rotation and is designed for long life.
FIBER OPTIC DROP CABLE SLITTER
The FOD-2000 Fiber Optic Drop Cable Slitter is a
patent pending tool that simplifies the slitting
of drop cable jackets at the end of the cable or
mid-span. For Flat Cables.
The FOD-2000 puts a slit on both sides of the
jacket allowing easy access to the fiber or
strength member. The ease of use makes this
tool truly unique. To use just position the tool
around the cable, pull and slit. A simple solution
for a vital task. The FOD-2000 comes completely
assembled with two blades, which can be
reversed once the blades are worn.
CST-1900
FOD-2000


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn