Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-100 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce ST-100
Description  Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST-100 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ST-100 Datasheet HTML 6Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 7Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 8Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 9Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 10Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 11Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 12Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 13Page - List of Unclassifed Manufacturers ST-100 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
10
CURVED NOSE & PUMP PLIERS
PUMP PLIERS
Manufactured with a secure tongue and groove
design for a non-slip grip (even under heavy
pressure).
The jaws provide a wide range of openings with a
smooth, positive interlock between halves. Handles
are plastic coated,but are not insulated and do not
protect against electric shock.
JIC-5026
JIC-3385
JIC-3026
CURVED LONG NOSE PLIER
Nose is bent 70° for maximum visibility. Used in confined
areas. Design includes knurled jaws for sure wrapping and
looping. Comfortable ergonomic yellow plastic handles.
CURVED NEEDLE NOSE PLIER
Nose is bent 60° for maximum visibility. Used in confined areas
for bending and forming fine wire. Inside jaws and jaw edges
are polished to prevent nicking the wire. Plier has a spring
loaded ergonomic design. With a dark blue plastic handle.
JONARD
MAX. JAW
NUMBER
PART NO.
LENGTH
OPENING
POSITIONS
JIC-5026
6”
1”
4
JIC-20210
10”
1 3/4”
6
JIC-50212
12”
2 1/4”
7
JIC-50210
JIC-50212
JONARD
LENGTH
JAW
JAW
JAW
PART NO.
LENGTH
WIDTH
THICKNESS
JIC-3026
6 7/8”
2”
11/16”
3/8”
JONARD
LENGTH
JAW
JAW
JAW
PART NO.
LENGTH
WIDTH
THICKNESS
JIC-3385
5 1/2”
1 1/2”
1/2”
1/4”
All Jonard Industries Pliers
come with a LIFETIME
WARRANTY. For complete
details see our website
www.jonard.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn