Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS68C429AMF Fiches technique(PDF) 10 Page - ATMEL Corporation

No de pièce TS68C429AMF
Description  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AMF Fiches technique(HTML) 10 Page - ATMEL Corporation

Back Button TS68C429AMF Datasheet HTML 6Page - ATMEL Corporation TS68C429AMF Datasheet HTML 7Page - ATMEL Corporation TS68C429AMF Datasheet HTML 8Page - ATMEL Corporation TS68C429AMF Datasheet HTML 9Page - ATMEL Corporation TS68C429AMF Datasheet HTML 10Page - ATMEL Corporation TS68C429AMF Datasheet HTML 11Page - ATMEL Corporation TS68C429AMF Datasheet HTML 12Page - ATMEL Corporation TS68C429AMF Datasheet HTML 13Page - ATMEL Corporation TS68C429AMF Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
10
TS68C429A
2120A–HIREL–08/02
Quality Conformance
Inspection
DESC/MIL-STD-883
Is in accordance with MIL-M-38510 and method 5005 of MIL-STD-883. Group A and B
inspections are performed on each production lot. Group C and D inspections are per-
formed on a periodic basis.
Electrical
Characteristics
General Requirements
All static and dynamic electrical characteristics specified for inspection purposes and the
relevant measurement conditions are given below:
Table 4, Table 5: Static electrical characteristics for the electrical variants.
Table 6, Table 7, Table 8: Dynamic electrical characteristics.
For static characteristics (Table 4, Table 5), test methods refer to IEC 748-2 method
number, where existing.
For dynamic characteristics (Table 6, Table 7, Table 8), test methods refer to clause 5.5
of this specification.
Note:
1. IDD is measured with all I/O pins at 0V, all input pins at 0V except signals CS, IACKxx, LDS, UDS at 5V and CLK-SYS and
CLK-ARINC which run at t
cyc mini.
Table 4. DC Electrical Characteristics
With -55°C
≤ T
case ≤ +125°C or -40° ≤ Tcase ≤ +85°C; VCC = 5V ± 10%.
Symbol
Parameter
Min
Max
Unit
V
IH
Input High Voltage
2.25
V
CC + 0.3
V
V
IL
Input Low Voltage
-0.5
0.8
V
VOH
Output High Voltage (except IRQRX, IRQTX: open drain outputs)
2.7
V
V
OL
Output Low Voltage
0.5
V
I
OH
Output Source Current (except IRQRX,
IRQTX: open drain outputs)
(V
out = 2.7V)
-8
mA
I
OL
Output Sink Current
(V
out = 0.5V)
8
mA
I
LI
Input Leakage Current
(V
in = 0 to VCC)
±20
µA
IDD
Dynamic Current
(1)
(T
case = Tmin ⋅ VDD
= V
max)
65
mA
Table 5. Capacitance (T
A = 25°C)
Symbol
Parameter
Max
Unit
C
in
Input Capacitance
10
pF
C
out
HI-Z Output Capacitance
20
pF


Numéro de pièce similaire - TS68C429AMF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS68C429AMRBCA ETC2-TS68C429AMRBCA Datasheet
1Mb / 46P
   CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
More results

Description similaire - TS68C429AMF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS68C429AMRBCA ETC2-TS68C429AMRBCA Datasheet
1Mb / 46P
   CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com