Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A3160DBVRG4 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TS5A3160DBVRG4
Description  5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A3160DBVRG4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TS5A3160DBVRG4 Datasheet HTML 6Page - Texas Instruments TS5A3160DBVRG4 Datasheet HTML 7Page - Texas Instruments TS5A3160DBVRG4 Datasheet HTML 8Page - Texas Instruments TS5A3160DBVRG4 Datasheet HTML 9Page - Texas Instruments TS5A3160DBVRG4 Datasheet HTML 10Page - Texas Instruments TS5A3160DBVRG4 Datasheet HTML 11Page - Texas Instruments TS5A3160DBVRG4 Datasheet HTML 12Page - Texas Instruments TS5A3160DBVRG4 Datasheet HTML 13Page - Texas Instruments TS5A3160DBVRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
TS5A3160
SCDS216C – OCTOBER 2005 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 1.8-V SUPPLY
(1)
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNC,
0
V+
V
range
VNO
Switch ON,
25°C
5
Peak ON
0
≤ (VNO or VNC) ≤ V+,
rpeak
1.65 V
See Figure 13
resistance
ICOM = –2 mA,
Full
15
25°C
2
2.5
ON-state
VNO or VNC = 1.5 V,
Switch ON,
ron
1.65 V
resistance
ICOM = –2 mA,
See Figure 13
Full
3.5
ON-state
25°C
0.15
0.4
resistance
VNO or VNC = 1.5 V,
Switch ON,
match
Δron
1.65 V
ICOM = –2 mA,
See Figure 13
Full
0.4
between
channels
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
25°C
5
ON-state
ICOM = –2 mA,
See Figure 13
resistance
ron(flat)
1.65 V
25°C
4.5
VNO or VNC = 0.6 V, 1.5 V,
Switch ON,
flatness
ICOM = –2 mA,
See Figure 13
Full
VNC or VNO = 0.3 V,
25°C
–5
2
5
VCOM = 1.65 V,
INC(OFF),
Switch OFF,
or
1.95 V
nA
NC, NO
INO(OFF)
See Figure 14
Full
–20
20
VNC or VNO = 1.65 V,
OFF leakage
VCOM = 0.3 V,
current
25°C
–1
0.1
1
INC(PWROFF),
VNC or VNO = 0 to 1.95 V,
Switch OFF,
0 V
μA
INO(PWROFF)
VCOM = 1.95 V to 0,
See Figure 14
Full
–5
5
VNC or VNO = 0.3 V,
25°C
–5
2
5
NC, NO
VCOM = Open,
INC(ON),
Switch ON,
ON leakage
or
1.95 V
nA
INO(ON)
See Figure 15
Full
–20
20
current
VNC or VNO = 1.65 V,
VCOM = Open,
COM
25°C
–1
0.1
1
VCOM = 0 to 1.95 V,
Switch OFF,
OFF leakage
ICOM(PWROFF)
0 V
μA
VNC or VNO =1.95 V to 0,
See Figure 14
Full
–5
5
current
VCOM = 0.3 V,
25°C
–5
2
5
COM
VNC or VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
or
1.95 V
nA
See Figure 15
Full
–20
20
current
VCOM = 1.65 V,
VNC or VNO = Open,
Digital Control Input (IN)(2)
Input logic high
VIH
Full
1.5
5.5
V
Input logic low
VIL
Full
0
0.6
V
25°C
–2
2
Input leakage
IIH, IIL
VI = 5.5 V or 0
1.95 V
nA
current
Full
–20
20
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
10
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Link(s): TS5A3160


Numéro de pièce similaire - TS5A3160DBVRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3160DBVRG4 TI-TS5A3160DBVRG4 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Description similaire - TS5A3160DBVRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A3160 TI-TS5A3160_09 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_10 Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI1-TS5A3153_14 Datasheet
1Mb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153_15 Datasheet
963Kb / 27P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153_09 Datasheet
759Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com