Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS793475DBVRQ1 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS793475DBVRQ1
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS793475DBVRQ1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS793475DBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS793475DBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS793475DBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS793475DBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS793475DBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS793475DBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS793475DBVRQ1 Datasheet HTML 10Page - Texas Instruments TPS793475DBVRQ1 Datasheet HTML 11Page - Texas Instruments TPS793475DBVRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
0
50
100
150
200
2.5
3
3.5
4
4.5
5
TPS79301
DROPOUT VOLTAGE
vs
INPUT VOLTAGE
VI − Input Voltage − V
IO = 200 mA
TJ = 25°C
TJ = −40°C
TJ = 125°C
100
50
0
20
40 60
80 100 120
150
200
DC DROPOUT VOLTAGE
vs
OUTPUT CURRENT
250
140 160 180 200
0
IO − Output Current − mA
TJ = 125°C
TJ = 25°C
TJ = −55°C
1s/div
POWER UP / POWER DOWN
VI
VO
VO = 3 V
RL = 15 Ω
3
TPS79328
OUTPUT VOLTAGE, ENABLE VOLTAGE
vs
TIME (START-UP)
t − Time −
µs
0
60
40
20
80 100
140
120
160 180 200
VI = 3.8 V
VO = 2.8 V
IO = 200 mA
Co = 2.2 µF
TJ = 25°C
1
2
0
0
2
C(byp) = 0.0047 µF
C(byp) = 0.01 µF
4
C(byp) = 0.001 µF
TPS79328
LINE TRANSIENT RESPONSE
t − Time −
µs
0
30
20
10
40
50
70
60
80
90 100
IO = 200 mA
Co = 2.2 µF
C(byp) = 0.01 µF
0
-20
3.8
dv
dt
+
0.4 V
µs
20
4.8
t − Time −
µs
TPS79328
LOAD TRANSIENT RESPONSE
0
0
150
100
50
200 250
350
300
400 450
20
0
−20
100
500
VI = 3.8 V
Co = 10 µF
−40
200
300
di
dt
+
0.02A
µs
1mA
10
100
1 k
10 k
10
40
80
100 k
1 M
10 M
f − Frequency − Hz
TPS79328
RIPPLE REJECTION
vs
FREQUENCY
IO = 10 mA
50
0
VI = 3.8 V
Co = 10 µF
C(byp) = 0.01 µF
IO = 200 mA
20
30
60
70
90
100
10
100
1 k
10 k
20
60
100
100 k
1 M
10 M
f − Frequency − Hz
TPS79328
RIPPLE REJECTION
vs
FREQUENCY
VI = 3.8 V
Co = 2.2 µF
C(byp) = 0.01 µF
IO = 10 mA
IO = 200 mA
40
70
90
30
50
80
10
0
10
100
1 k
10 k
20
60
100
100 k
1 M
10 M
f − Frequency − Hz
TPS79328
RIPPLE REJECTION
vs
FREQUENCY
VI = 3.8 V
Co = 2.2 µF
C(byp) = 0.1 µF
IO = 10 mA
IO = 200 mA
40
70
90
30
50
80
10
0
TPS79301-Q1, TPS79318-Q1, TPS79325-Q1
TPS79328-Q1, TPS793285-Q1, TPS79330-Q1
TPS79333-Q1, TPS793475-Q1
SGLS162H – APRIL 2003 – REVISED JANUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 10.
Figure 11.
Figure 12.
Figure 13.
Figure 14.
Figure 15.
Figure 16.
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: TPS79301-Q1 TPS79318-Q1 TPS79325-Q1 TPS79328-Q1 TPS793285-Q1 TPS79330-Q1
TPS79333-Q1


Numéro de pièce similaire - TPS793475DBVRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS793475DBVRQ1 TI-TPS793475DBVRQ1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793475DBVRQ1 TI1-TPS793475DBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
More results

Description similaire - TPS793475DBVRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com