Moteur de recherche de fiches techniques de composants électroniques |
|
NE12MAAH0-0-B Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers |
|
NE12MAAH0-0-B Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 21 page XLR Chassis Connectors 15 www .neutrik.com A Series ● Smallest XLR receptacles, highest packing density ● Plastic housing, steel retention lug ● Fork type female contacts ● Polished contact areas and hard gold plating ● Various grounding options AA Series NC5FAV NC3MAV-0 NC5FAH NC3FAAH NC3FAAV-0 NC5MAH ● Front panel cutout and PCB layout 100% compatible to the A Series ● Most cost-effective series ● "Tulip"type female contact design with high contact pressure ● Selective gold plated contact and PCB termination area for best conductivity and solderability ● Plastic housing flammability UL 94 HB Grounding Options (A / AA / B / BA Series): 1 ... Pin 1 & Panel & Shell connected, no separate ground contact 2 ... Separate ground contact connected to shell & panel, separate Pin 1 w/o number: No ground / Shell contact (except 4 / 5 pole) NC3FAH1 NC3MAHR NC3FAAV2 NC3MAAH-1 t o identify the original |
Numéro de pièce similaire - NE12MAAH0-0-B |
|
Description similaire - NE12MAAH0-0-B |