Moteur de recherche de fiches techniques de composants électroniques |
|
TPS79325DBVRQ1 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
TPS79325DBVRQ1 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 21 page 10 100 1 k 10 k 10 40 80 100 k 1 M 10 M f − Frequency − Hz TPS79328 RIPPLE REJECTION vs FREQUENCY IO = 10 mA 50 0 VI = 3.8 V Co = 10 µF C(byp) = 0.01 µF IO = 200 mA 20 30 60 70 90 100 0 0.05 0.1 0.15 0.2 0.25 0.3 100 1 k 10 k 100 k f − Frequency − Hz IO = 1 mA VI = 3.8 V Co = 2.2 µF C(byp) = 0.1 µF IO = 200 mA TPS79328 OUTPUT SPECTRAL NOISE DENSITY vs FREQUENCY TPS79301-Q1, TPS79318-Q1, TPS79325-Q1 TPS79328-Q1, TPS793285-Q1, TPS79330-Q1 TPS79333-Q1, TPS793475-Q1 SGLS162H – APRIL 2003 – REVISED JANUARY 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. ORDERING INFORMATION(1) OUTPUT TA PACKAGE(2) ORDERABLE PART NUMBER TOP-SIDE MARKING VOLTAGE 1.2 to 5.5 V TPS79301DBVRQ1 PGV1 1.8 V TPS79318DBVRQ1 PHH1 2.5 V TPS79325DBVRQ1 PGW1 2.8 V TPS79328DBVRQ1 PGX1 –40°C to 125°C SOT23 – DBV Reel of 3000 2.85 V TPS793285QDBVRQ1 PHI1 3 V TPS79330QDBVRQ1 PGY1 3.3 V TPS79333DBVRQ1 PHU1 4.75 V TPS793475QDBVRQ1(3) PHJ1 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) Product preview 2 Submit Documentation Feedback Copyright © 2003–2013, Texas Instruments Incorporated Product Folder Links: TPS79301-Q1 TPS79318-Q1 TPS79325-Q1 TPS79328-Q1 TPS793285-Q1 TPS79330-Q1 TPS79333-Q1 |
Numéro de pièce similaire - TPS79325DBVRQ1 |
|
Description similaire - TPS79325DBVRQ1 |