Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79318DBVRG4Q1 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS79318DBVRG4Q1
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS79318DBVRG4Q1 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS79318DBVRG4Q1 Datasheet HTML 1Page - Texas Instruments TPS79318DBVRG4Q1 Datasheet HTML 2Page - Texas Instruments TPS79318DBVRG4Q1 Datasheet HTML 3Page - Texas Instruments TPS79318DBVRG4Q1 Datasheet HTML 4Page - Texas Instruments TPS79318DBVRG4Q1 Datasheet HTML 5Page - Texas Instruments TPS79318DBVRG4Q1 Datasheet HTML 6Page - Texas Instruments TPS79318DBVRG4Q1 Datasheet HTML 7Page - Texas Instruments TPS79318DBVRG4Q1 Datasheet HTML 8Page - Texas Instruments TPS79318DBVRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TPS79301-Q1, TPS79318-Q1, TPS79325-Q1
TPS79328-Q1, TPS793285-Q1, TPS79330-Q1
TPS79333-Q1, TPS793475-Q1
SGLS162H – APRIL 2003 – REVISED JANUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range, EN = VI, TJ = –40 to 125°C, VI = VO(typ) + 1 V, IO = 1 mA, Co = 10
μF, C(byp) = 0.01 μF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage(1)
2.7
5.5
V
IO
Continuous output current
0
200
mA
TJ
Operating junction temperature
–40
125
°C
0
μA < IO < 200 mA
5.5 –
TPS79301-Q1
VFB
VFB
TJ = 25°C
1.8
TPS79318-Q1
0
μA < IO < 200 mA,
2.8 V < VI < 5.5 V
1.764
1.836
TJ = 25°C
2.5
TPS79325-Q1
0
μA < IO < 200 mA,
3.5 V < VI < 5.5 V
2.45
2.55
TJ = 25°C
2.8
TPS79328-Q1
0
μA < IO < 200 mA,
3.8 V < VI < 5.5 V
2.744
2.856
Output voltage
V
TJ = 25°C
2.85
TPS793285-Q1
0
μA < IO < 200 mA,
3.85 V < VI < 5.5 V
2.793
2.907
TJ = 25°C
3
TPS79330-Q1
0
μA < IO < 200 mA,
4 V < VI < 5.5 V
2.94
3.06
TJ = 25°C
3.3
TPS79333-Q1
0
μA < IO < 200 mA,
4.3 V < VI < 5.5 V
3.234
3.366
TJ = 25°C
4.75
TPS793475-Q1
0
μA < IO < 200 mA,
5.25 V < VI < 5.5 V
4.655
4.845
0
μA < IO < 200 mA,
TJ = 25°C
170
Quiescent current (GND current)
μA
0
μA < IO < 200 mA
220
Load regulation
0
μA < IO < 200 mA,
TJ = 25°C
5
mV
VO + 1 V < VI ≤ 5.5 V,
TJ = 25°C
0.05
Output voltage line regulation (
ΔVO/VO)
%/V
VO + 1 V < VI ≤ 5.5 V
0.12
C(byp) = 0.001 μF
55
C(byp) = 0.0047 μF
36
BW = 200 Hz to 100 kHz,
Output noise voltage
TPS79328-Q1
μVRMS
IO = 200 mA, TJ = 25°C
C(byp) = 0.01 μF
33
C(byp) = 0.1 μF
32
C(byp) = 0.001 μF
50
RL = 14 Ω,
Time, start-up
TPS79328-Q1
C(byp) = 0.0047 μF
70
μs
Co = 1 μF, TJ = 25°C
C(byp) = 0.01 μF
100
Output current limit
VO = 0 V
285
600
mA
Standby current(2)
EN = 0 V,
2.7 V < VI < 5.5 V
0.07
1
μA
High-level enable input voltage
2.7 V < VI < 5.5 V
2
V
Low-level enable input voltage
2.7 V < VI < 5.5 V
0.7
V
Input current (EN)
EN = 0
–1
1
μA
Input current (FB)
TPS79301-Q1
FB = 1.8 V
1
μA
Internal reference, VFB
TPS79301-Q1
1.201
1.225
1.250
V
IO = 10 mA
70
f = 100 Hz, TJ = 25°C,
IO = 200 mA
68
Power-supply ripple
TPS79328-Q1
dB
rejection
f = 10 kHz, TJ = 25°C,
70
IO = 200 mA
f = 100 kHz, TJ = 25°C,
43
(1)
Minimum VIN is 2.7V or VOUT + VDO, whichever is greater.
(2)
For adjustable versions, this parameter applies only after VIN is applied; then VEN transitions high to low.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: TPS79301-Q1 TPS79318-Q1 TPS79325-Q1 TPS79328-Q1 TPS793285-Q1 TPS79330-Q1
TPS79333-Q1


Numéro de pièce similaire - TPS79318DBVRG4Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79318DBVRG4Q1 TI1-TPS79318DBVRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
More results

Description similaire - TPS79318DBVRG4Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS793-Q1 TI1-TPS793-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast RF 200-mA Low-Dropout Linear Regulators
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795XX TI-TPS795XX Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com