Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS76427DBVR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS76427DBVR
Description  LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS76427DBVR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS76427DBVR Datasheet HTML 7Page - Texas Instruments TPS76427DBVR Datasheet HTML 8Page - Texas Instruments TPS76427DBVR Datasheet HTML 9Page - Texas Instruments TPS76427DBVR Datasheet HTML 10Page - Texas Instruments TPS76427DBVR Datasheet HTML 11Page - Texas Instruments TPS76427DBVR Datasheet HTML 12Page - Texas Instruments TPS76427DBVR Datasheet HTML 13Page - Texas Instruments TPS76427DBVR Datasheet HTML 14Page - Texas Instruments TPS76427DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TPS76425, TPS76427, TPS76428, TPS76430, TPS76433
LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
SLVS180B – MARCH 1999 – REVISED MAY 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
external capacitor requirements
Although not required, a 0.047-
µF or larger ceramic bypass input capacitor, connected between IN and GND
and located close to the TPS764xx, is recommended to improve transient response and noise rejection. A
higher-value electrolytic input capacitor may be necessary if large, fast-rise-time load transients are anticipated
and the device is located several inches from the power source.
Like all low dropout regulators, the TPS764xx requires an output capacitor connected between OUT and GND
to stabilize the internal loop control. The minimum recommended capacitance value is 4.7
µF and the ESR
(equivalent series resistance) must be between 0.2
Ω and 10 Ω. Capacitor values 4.7 µF or larger are
acceptable, provided the ESR is less than 10
Ω. Solid tantalum electrolytic, aluminum electrolytic, and multilayer
ceramic capacitors are all suitable, provided they meet the requirements described above. Most of the
commercially available 4.7
µF surface-mount solid tantalum capacitors, including devices from Sprague,
Kemet, and Nichico, meet the ESR requirements previously stated. Multilayer ceramic capacitors should have
minimum values of 1
µF over the full operating temperature range of the equipment.
CAPACITOR SELECTION
PART NO.
MFR.
VALUE
MAX ESR†
SIZE (H
× L × W)†
T494B475K016AS
KEMET
4.7
µF
1.5
1.9
× 3.5 × 2.8
195D106x0016x2T
SPRAGUE
10
µF
1.5
1.3
× 7.0 × 2.7
695D106x003562T
SPRAGUE
10
µF
1.3
2.5
× 7.6 × 2.5
TPSC475K035R0600
AVX
4.7
µF
0.6
2.6
× 6.0 × 3.2
† Size is in mm. ESR is maximum resistance in ohms at 100 kHz and TA = 25°C. Listings are sorted by height.


Numéro de pièce similaire - TPS76427DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS76427DBVR TI-TPS76427DBVR Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76427DBVR TI-TPS76427DBVR Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76427DBVR TI1-TPS76427DBVR Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76427DBVRG4 TI-TPS76427DBVRG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76427DBVRG4 TI1-TPS76427DBVRG4 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Description similaire - TPS76427DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com