Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9007TUA8 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce 9007TUA8
Description  9007 Mill and Foundry Switches Conforming to NEMA A600 and UL508
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

9007TUA8 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 9007TUA8 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9007TUA8 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9007TUA8 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9007TUA8 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9007TUA8 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9007TUA8 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9007TUA8 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9007TUA8 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9007TUA8 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
11
References,
characteristics (continued)
Severe Duty Limit Switches
0
9007FT Foundry Switches
Standard operating sequences
Standard References
Base Plate
A
B
C
D
9007FTSA1
9007FTSB1
9007FTSC1
9007FTSD1
9007FTSA2
9007FTSB2
9007FTSC2
9007FTSD2
9007FTSA3
9007FTSB3
9007FTSC3
9007FTSD3
No. 1
No. 2
No. 3
Single Pole
Double Throw
Spring Return
CW & CCW
Single Pole
Double Throw
Spring Return
CW & CCW
Single Pole
Double Throw
Spring Return
CW & CCW
Slow Make
Slow Break
Characteristics (nominal operating data)
Switch actuation
By 30° cam
Type of actuation
Pre-travel
14°
Int. Pos. 9°, Final 16°
Total travel
89°
89°
89°
Differential
12°
Int. Pos. 5.5°, Final 7.5°
Reverse overtravel
N/A (future availability)
N/A (future availability)
N/A (future availability)
Mechanical durability
(in millions of operating cycles)
N/A (future availability)
N/A (future availability)
N/A (future availability)
Operating torque/force
1 pole & 2 pole
10 lb-in (1.13 N
•m)
10 lb-in (1.13 N
•m)
10 lb-in (1.13 N
•m)
Terminal wire sizes
(Cabling/Screw Clamp)
#12 - 22 AWG
(3.31 mm2 - 0.326 mm2)
#12 - 22 AWG
(3.31 mm2 - 0.326 mm2)
#12 - 22 AWG
(3.31 mm2 - 0.326 mm2)
Repeatability
(linear travel of cam)
± 0.004" (0.10mm)
± 0.004" (0.10mm)
± 0.004" (0.10mm)
Cable entry
(metric available)
0.5" NPT
0.5" NPT
0.5" NPT
Weight lb (kg)
2.57 lb. (0.96 kg)
2.57 lb. (0.96 kg)
2.57 lb. (0.96 kg)
➀ The pre-travel listed may vary up to 5° additional for universal switches or up to 2° additional for standard switches due to free travel of lever arm at initial position.
➁ Linear travel of cam on 1.5" (38.1mm) lever arm.
➂ Remove spring from the positioning plate.
➃ Sequence 3, 7, and 8 devices are available but are not recommended where high speed cams or lever arm snap-back is present.
The application should be checked and No. 12 sequences substituted where possible.
Note: Type FT Foundry Switches are obtained by changing the “T” at the beginning of the equivalent type number to “FT” (Example: FTUB1).
Surface
Mounted
A
A
B
B
Initial position
CW and CCW
A
A
A
B
B
B
Initial position
Middle
Final
CW and CCW
A
A
B
B
Initial position
CW
and
CCW


Numéro de pièce similaire - 9007TUA8

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
9007 ETC1-9007 Datasheet
178Kb / 3P
   NAND GATES/HEX INVERTERS
logo
Coto Technology
9007 COTO-9007 Datasheet
557Kb / 2P
   9007 SERIES/SPARTAN SIP REED RELAYS
logo
List of Unclassifed Man...
9007-05-00 ETC-9007-05-00 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Coto Technology
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
logo
List of Unclassifed Man...
9007-05-01 ETC-9007-05-01 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
More results

Description similaire - 9007TUA8

FabricantNo de pièceFiches techniqueDescription
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
List of Unclassifed Man...
L34S1T5D15 ETC2-L34S1T5D15 Datasheet
606Kb / 3P
   UL508,CSA C22.2 No14?멥겗?⒴릦?ャ겇?꾠겍 According to UL508 standard and CSA C22.2 No.14 standard
logo
OSRAM GmbH
LTQ39G-Q1OO-25-1 OSRAM-LTQ39G-Q1OO-25-1 Datasheet
1Mb / 20P
   Pushbuttons and Switches
LRQ396-P1Q2-1 OSRAM-LRQ396-P1Q2-1 Datasheet
1Mb / 20P
   Pushbuttons and Switches
logo
List of Unclassifed Man...
10G-SFPP-LR ETC1-10G-SFPP-LR Datasheet
277Kb / 4P
   Brocade-Foundry Compatible
logo
Japan Aviation Electron...
DG1 JAE-DG1 Datasheet
428Kb / 8P
   Interface connector conforming to InfiniBand Standard
logo
Hitachi Semiconductor
HD81803 HITACHI-HD81803 Datasheet
928Kb / 36P
   ADPCM TRANSCODER CONFORMING TO G.721
logo
Honeywell Solid State E...
2C207 HONEYWELL-2C207 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com