Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7713AN Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD7713AN
Description  Loop-Powered Signal Conditioning ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7713AN Fiches technique(HTML) 5 Page - Analog Devices

  AD7713AN Datasheet HTML 1Page - Analog Devices AD7713AN Datasheet HTML 2Page - Analog Devices AD7713AN Datasheet HTML 3Page - Analog Devices AD7713AN Datasheet HTML 4Page - Analog Devices AD7713AN Datasheet HTML 5Page - Analog Devices AD7713AN Datasheet HTML 6Page - Analog Devices AD7713AN Datasheet HTML 7Page - Analog Devices AD7713AN Datasheet HTML 8Page - Analog Devices AD7713AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
REV. D
AD7713
–5–
TIMING CHARACTERISTICS1, 2
(DVDD = 5 V
5%; AVDD = 5 V or 10 V
5%; AGND = DGND = 0 V; fCLKIN = 2 MHz;
Input Logic 0 = 0 V, Logic 1 = DVDD, unless otherwise noted.)
Limit at TMIN, TMAX
Parameter
(A, S Versions)
Unit
Conditions/Comments
fCLK IN
3, 4
400
kHz min
Master Clock Frequency: Crystal Oscillator or
2
MHz max
Externally Supplied for Specified Performance
tCLK IN LO
0.4
tCLK IN
ns min
Master Clock Input Low Time; tCLK IN = 1/fCLK IN
tCLK IN HI
0.4
tCLK IN
ns min
Master Clock Input High Time
tr
5
50
ns max
Digital Output Rise Time; Typically 20 ns
tf
5
50
ns max
Digital Output Fall Time; Typically 20 ns
t1
1000
ns min
SYNC Pulse Width
Self-Clocking Mode
t2
0
ns min
DRDY to RFS Setup Time
t3
0
ns min
DRDY to RFS Hold Time
t4
2
tCLK IN
ns min
A0 to
RFS Setup Time
t5
0
ns min
A0 to
RFS Hold Time
t6
4
tCLK IN + 20
ns max
RFS Low to SCLK Falling Edge
t7
6
4
tCLK IN +20
ns max
Data Access Time (
RFS Low to Data Valid)
t8
6
tCLK IN/2
ns min
SCLK Falling Edge to Data Valid Delay
tCLK IN/2 + 30
ns max
t9
tCLK IN/2
ns nom
SCLK High Pulse Width
t10
3
tCLK IN/2
ns nom
SCLK Low Pulse Width
t14
50
ns min
A0 to
TFS Setup Time
t15
0
ns min
A0 to
TFS Hold Time
t16
4
tCLK IN + 20
ns max
TFS to SCLK Falling Edge Delay Time
t17
4
tCLK IN
ns min
TFS to SCLK Falling Edge Hold Time
t18
0
ns min
Data Valid to SCLK Setup Time
t19
10
ns min
Data Valid to SCLK Hold Time
External-Clocking Mode
fSCLK
fCLK IN/5
MHz max
Serial Clock Input Frequency
t20
0
ns min
DRDY to RFS Setup Time
t21
0
ns min
DRDY to RFS Hold Time
t22
2
tCLK IN
ns min
A0 to
RFS Setup Time
t23
0
ns min
A0 to
RFS Hold Time
t24
6
4
tCLK IN
ns max
Data Access Time (
RFS Low to Data Valid)
t25
6
10
ns min
SCLK Falling Edge to Data Valid Delay
2
tCLK IN + 20
ns max
t26
2
tCLK IN
ns min
SCLK High Pulse Width
t27
2
tCLK IN
ns min
SCLK Low Pulse Width
t28
tCLK IN + 10
ns max
SCLK Falling Edge to
DRDY High
t29
7
10
ns min
SCLK to Data Valid Hold Time
tCLK IN + 10
ns max
t30
10
ns min
RFS/TFS to SCLK Falling Edge Hold Time
t31
7
5
tCLK IN/2 + 50
ns max
RFS to Data Valid Hold Time
t32
0
ns min
A0 to
TFS Setup Time
t33
0
ns min
A0 to
TFS Hold Time
t34
4
tCLK IN
ns min
SCLK Falling Edge to
TFS Hold Time
t35
2
tCLK IN – SCLK High
ns min
Data Valid to SCLK Setup Time
t36
30
ns min
Data Valid to SCLK Hold Time
NOTES
1Guaranteed by design, not production tested. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2See Figures 10 to 13.
3CLK IN duty cycle range is 45% to 55%. CLK IN must be supplied whenever the AD7713 is not in standby mode. If no clock is present in this case, the device can
draw higher current than specified and possibly become uncalibrated.
4The AD7713 is production tested with f
CLK IN at 2 MHz. It is guaranteed by characterization to operate at 400 kHz.
5Specified using 10% and 90% points on waveform of interest.
6These numbers are measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.8 V or 2.4 V.
7These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then
extrapolated back to remove effects of charging or discharging the 100 pF capacitor. This means that the times quoted in the timing characteristics are the true bus
relinquish times of the part and, as such, are independent of external bus loading capacitances.


Numéro de pièce similaire - AD7713AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7713AN AD-AD7713AN Datasheet
516Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. C
AD7713AN AD-AD7713AN Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713AN AD-AD7713AN Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713AN AD-AD7713AN Datasheet
330Kb / 29P
   Loop-Powered Signal Conditioning ADC
More results

Description similaire - AD7713AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7713 AD-AD7713_17 Datasheet
330Kb / 29P
   Loop-Powered Signal Conditioning ADC
AD7713 AD-AD7713_15 Datasheet
271Kb / 28P
   Loop-Powered Signal Conditioning ADC
REV. D
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713 AD-AD7713 Datasheet
516Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. C
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com