Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-0840-BCB-STD Datasheet(Fiches technique) 2 Page - Bourns Electronic Solutions

Numéro de pièce ST-0840-BCB-STD
Description  Sparctube Switching Spark Gap
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ST-0840-BCB-STD Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  ST-0840-BCB-STD Datenblatt HTML 1Page - Bourns Electronic Solutions ST-0840-BCB-STD Datasheet HTML 2Page - Bourns Electronic Solutions ST-0840-BCB-STD Datenblatt HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
ST-0840 Series SparctubeSwitching Spark Gap
Product Dimensions
ST-0840-BLx
How to Order
ST - 0840 - B x x - STD
Series
Designator
Switching Voltage
0840 = 840 V
Tolerance
B = 12 %
Lead Shape
B = Bent Leads
C = No Leads*
L = Straight Leads
Packaging
B = Bulk
T = Tape & Reel*
Standard or Modified Product Indicator
STD = Standard
*Leadless version available in bulk packaging
only.
Typical Part Marking
ST 0840 wwy ...... “wwy” = Week and
year of production
DIMENSIONS:
MM
(INCHES)
60.0 - 82.0
(2.362 - 3.228)
TINNED LEADS
METAL ELECTRODE
CERAMIC INSULATOR
8.0 +0.1/-0.3
(.315 +.004/-.012)
DIA.
8.0 +0.1/-0.3
(.315 +.004/-.012)
DIA.
1.0
(.039)
DIA.
5.8 ± 0.3
(.228 ± .012)
8.0 +0.1/-0.3
(.315 +.004/-.012)
DIA.
METAL ELECTRODE
CERAMIC INSULATOR
5.8 ± 0.3
(.228 ± .012)
8.4
(.331)
MAX.
8.6
(.339)
MAX.
1.00
(.039)
DIA.
8.4
(.331)
MAX.
5.8 ± 0.3
(.228 ± .012)
2.52 ± 0.20
(.099 ± .008)
0.25 +0.15/-0.05
(.010 +.006/-.002)
0.20
(.008)
APPROX.
ST-0840-BCx
ST-0840-BBx
Test Circuit
C
Uo
RL
Us
DUT
Uo .........1000-1500 V
R ...........See Note
C ...........100 nF
L............0.5 µH
DUT ......Device Under Test
Us .........Breakdown Voltages
NOTE: Uo and R are set to provide suitable conditions for
different measurements.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn