Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-1000-ACT-SG Datasheet(Fiches technique) 1 Page - Bourns Electronic Solutions

Numéro de pièce ST-1000-ACT-SG
Description  Sparctube Switching Spark Gap
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ST-1000-ACT-SG Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  ST-1000-ACT-SG Datasheet HTML 1Page - Bourns Electronic Solutions ST-1000-ACT-SG Datenblatt HTML 2Page - Bourns Electronic Solutions ST-1000-ACT-SG Datenblatt HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Characteristics
ST-1000 Series SparctubeSwitching Spark Gap
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Initial Values:
Static Breakdown Voltage @ 800 V/s 1
First Ignition Values ..............................................................................................................< 1200 V
Following Ignition Values ......................................................................................................1000 V ±15 %
Electrical Life:
Minimum Number of Switching Cycles .......................................................................................2x105
Peak Current (Approx.)...............................................................................................................400 A
Maximum Switching Frequency..................................................................................................400 Hz
Breakdown Characteristics @ 1400 V Limit
First Ignition Values ..............................................................................................................≤ 1400 V
Delay Time............................................................................................................................< 60 ms
Following Ignition Values ......................................................................................................1000 V ±20 %
General Data:
Breakdown Time.........................................................................................................................< 50 ns
Insulation Resistance @100 Vdc ...............................................................................................> 100 megohms
Share of Early Ignition Values (< 800 V) ....................................................................................< 1 %
Capacitance................................................................................................................................< 1 pF
Operating Temperature Range 2 ................................................................................................-40 °C to +160 °C
Storage Temperature Range ......................................................................................................-65 °C to +125 °C
Weight (Approx.).........................................................................................................................2.3 g
Testing ........................................................................................................................................100 %
Robustness of Terminations .......................................................................................................IEC 60068-2-21 3
Notes:
1 At delivery AQL 0.65 Level II, DIN ISO 2859.
2 Distribution of switchings: maximum 20 % above +125 °C and 20 % below +20°C.
3 Test Ua1 (tensile), Ua2 (thrust), Ub (bending) and Uc (torsion).
Description
Bourns® SparctubeSeries is a range of switching spark gaps designed specifically for voltage controlled switching of capacitive
discharge circuits where a high energy, low loss, fast rate of switching is required. This series is ideally suited for applications where a
capacitive discharge is utilized with a transformer to obtain pulses of very high voltage levels in the order of several thousand volts.
Features
Formerly a
product
Fast switching rate
High energy, low loss capability
Wide operating temperature range
Long service life
High insulation resistance
RoHS compliant*
Applications
Igniters for architectural and automotive
Xenon discharge lamps
Electronic igniters for gas heating and gas
domestic appliances, e.g., cookers
Ignition of ultra-high pressure gas
discharge lamps for data and video
projectors
Basic Application Circuit
LOAD
C
R
Sparctube
Switching Spark Gap
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn