Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8001AN Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD8001AN
Description  800 MHz, 50 mW Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8001AN Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD8001AN Datasheet HTML 4Page - Analog Devices AD8001AN Datasheet HTML 5Page - Analog Devices AD8001AN Datasheet HTML 6Page - Analog Devices AD8001AN Datasheet HTML 7Page - Analog Devices AD8001AN Datasheet HTML 8Page - Analog Devices AD8001AN Datasheet HTML 9Page - Analog Devices AD8001AN Datasheet HTML 10Page - Analog Devices AD8001AN Datasheet HTML 11Page - Analog Devices AD8001AN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
REV. D
AD8001
–7–
25
10
–5
1M
10M
100M
0
5
15
20
FREQUENCY – Hz
–25
–20
–15
–10
1G
45
30
35
40
RF = 470
G = +100
G = +10
RL = 100
RF = 1000
TPC 19. Frequency Response, G = +10, G = +100
3.35
100
2.95
–40
–60
3.05
3.15
3.25
80
60
40
20
0
–20
JUNCTION TEMPERATURE – C
2.75
2.85
2.55
2.65
RL = 50
VS = 5V
RL = 150
VS = 5V
| –VOUT |
| –VOUT |
+VOUT
+VOUT
TPC 20. Output Swing vs. Temperature
–60
JUNCTION TEMPERATURE – C
–4
2
–2
1
0
5
–3
–40
–20
0
20
40
60
80
100
120
140
–1
3
4
+IN
–IN
TPC 21. Input Bias Current vs. Temperature
2.2
0.4
100
0.8
0.6
–40
–60
1.0
1.2
1.4
1.6
1.8
2.0
80
60
40
20
0
–20
JUNCTION TEMPERATURE – C
DEVICE NO. 1
DEVICE NO. 2
DEVICE NO. 3
TPC 22. Input Offset vs. Temperature
–60
JUNCTION TEMPERATURE – C
4.4
4.8
5.8
–40
–20
0
20
40
60
80
100
120
140
5.2
5.4
4.6
5.6
5.0
VS = 5V
TPC 23. Supply Current vs. Temperature
125
85
100
95
90
–40
–60
105
100
110
115
120
80
60
40
20
0
–20
JUNCTION TEMPERATURE – C
SOURCE ISC
| SINK ISC |
TPC 24. Short Circuit Current vs. Temperature


Numéro de pièce similaire - AD8001AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8001AN AD-AD8001AN Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001AN AD-AD8001AN Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001AN AD-AD8001AN Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results

Description similaire - AD8001AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002 Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com