Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7810 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD7810
Description  2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7810 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD7810 Datasheet HTML 3Page - Analog Devices AD7810 Datasheet HTML 4Page - Analog Devices AD7810 Datasheet HTML 5Page - Analog Devices AD7810 Datasheet HTML 6Page - Analog Devices AD7810 Datasheet HTML 7Page - Analog Devices AD7810 Datasheet HTML 8Page - Analog Devices AD7810 Datasheet HTML 9Page - Analog Devices AD7810 Datasheet HTML 10Page - Analog Devices AD7810 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AD7810
–8–
REV. B
POWER-UP TIMES
The AD7810 has a 1.5
µs power-up time. When VDD is first
connected, the AD7810 is in a low current mode of operation.
In order to carry out a conversion, the AD7810 must first be
powered up. The ADC is powered up by a rising edge on the
CONVST pin. A conversion is initiated on the falling edge of
CONVST. Figure 12 shows how to power up the AD7810 when
VDD is first connected or after the AD7810 is powered down
using the CONVST pin.
Care must be taken to ensure that the CONVST pin of the
AD7810 is logic low when VDD is first applied.
MODE 1 (
CONVST IDLES HIGH)
VDD
MODE 2 (
CONVST IDLES LOW)
VDD
< 1 s
t
POWER-UP
1.5 s
t
POWER-UP
1.5 s
CONVST
CONVST
Figure 12. Power-Up Times
POWER VS. THROUGHPUT RATE
By operating the AD7810 in Mode 2, the average power con-
sumption of the AD7810 decreases at lower throughput rates.
Figure 13 shows how the automatic power-down is implemented
using the CONVST signal to achieve the optimum power per-
formance for the AD7810. As the throughput rate is reduced, the
device remains in its power-down state longer and the average
power consumption over time drops accordingly.
tCYCLE
100 s @ 10kSPS
CONVST
tCONVERT
2.3 s
POWER-DOWN
tPOWER-UP
1.5 s
Figure 13. Automatic Power-Down
For example, if the AD7810 is operated in a continuous sampling
mode with a throughput rate of 10 kSPS, the power consump-
tion is calculated as follows. The power dissipation during normal
operation is 9 mW, VDD = 3 V. If the power-up time is 1.5
µs
and the conversion time is 2.3
µs, the AD7810 can be said to
dissipate 9 mW for 3.8
µs (worst case) during each conversion
cycle. If the throughput rate is 10 kSPS, the cycle time is
100
µs and the average power dissipated during each cycle is
(3.8/100)
× (9 mW) = 342 µW. Figure 2 shows a graph of
Power vs. Throughput.
OPERATING MODES
Mode 1 Operation (High Speed Sampling)
When the AD7810 is used in this mode of operation, the part is
not powered down between conversions. This mode of opera-
tion allows high throughput rates to be achieved. The timing
diagram in Figure 14 shows how this optimum throughput rate
is achieved by bringing the CONVST signal high before the end
of the conversion. The AD7810 leaves its tracking mode and
goes into hold on the falling edge of CONVST. A conversion is
also initiated at this time. The conversion takes 2.3
µs to complete.
At this point, the result of the current conversion is latched into the
serial shift register, and the state of the CONVST signal checked.
The CONVST signal should be high at the end of the conversion
to prevent the part from powering down.
A
B
t2
DOUT
CURRENT CONVERSION RESULT
t1
SCLK
CONVST
Figure 14. Mode 1 Operation Timing
The serial port on the AD7810 is enabled on the rising edge of
the CONVST signal (see Serial Interface section). As explained
earlier, this rising edge should occur before the end of the con-
version process if the part is not to be powered down. A serial
read can take place at any stage after the rising edge of CONVST.
If a serial read is initiated before the end of the current con-
version process (i.e., at time “A”), the result of the previous
conversion is shifted out on the DOUT pin. It is possible to allow
the serial read to extend beyond the end of a conversion. In this
case the new data will not be latched into the output shift regis-
ter until the read has finished. The dynamic performance of the
AD7810 typically degrades by up to 3 dBs while reading during
a conversion. If the user waits until the end of the conversion
process, i.e., 2.3
µs after falling edge of CONVST (Point “B”),
before initiating a read, the current conversion result is shifted out.


Numéro de pièce similaire - AD7810

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7810 AD-AD7810 Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7810 AD-AD7810 Datasheet
186Kb / 12P
   ADC in 8-Lead microSOIC/DIP
AD7810YN AD-AD7810YN Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7810YN AD-AD7810YN Datasheet
186Kb / 12P
   ADC in 8-Lead microSOIC/DIP
AD7810YR AD-AD7810YR Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
More results

Description similaire - AD7810

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7810 AD-AD7810_15 Datasheet
160Kb / 11P
   2.7 V to 5.5 V, 2.3s, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7823YRM-REEL AD-AD7823YRM-REEL Datasheet
146Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7823 AD-AD7823_15 Datasheet
156Kb / 11P
   2.7 V to 5.5 V, 5s, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. C
AD7810 AD-AD7810 Datasheet
142Kb / 11P
   2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP
REV. A
AD7823 AD-AD7823 Datasheet
155Kb / 11P
   2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
REV. B
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7823 AD-AD7823_17 Datasheet
187Kb / 12P
   ADC in 8-Lead microSOIC/DIP
AD7896 AD-AD7896 Datasheet
367Kb / 12P
   2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP
REV. B
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com