Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT89LV55-12PI Fiches technique(PDF) 16 Page - ATMEL Corporation

No de pièce AT89LV55-12PI
Description  8-Bit Microcontroller with 20K Bytes Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LV55-12PI Fiches technique(HTML) 16 Page - ATMEL Corporation

Back Button AT89LV55-12PI Datasheet HTML 12Page - ATMEL Corporation AT89LV55-12PI Datasheet HTML 13Page - ATMEL Corporation AT89LV55-12PI Datasheet HTML 14Page - ATMEL Corporation AT89LV55-12PI Datasheet HTML 15Page - ATMEL Corporation AT89LV55-12PI Datasheet HTML 16Page - ATMEL Corporation AT89LV55-12PI Datasheet HTML 17Page - ATMEL Corporation AT89LV55-12PI Datasheet HTML 18Page - ATMEL Corporation AT89LV55-12PI Datasheet HTML 19Page - ATMEL Corporation AT89LV55-12PI Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
AT89LV55
4-208
Flash Programming and Verification Characteristics
TA = 0°C to 70°C, VCC = 5.0V ± 10%
Flash Programming and Verification Waveforms (VPP = 12V)
Symbol
Parameter
Min
Max
Units
VPP
Programming Enable Voltage
11.5
12.5
V
IPP
Programming Enable Current
1.0
mA
1/tCLCL
Oscillator Frequency
3
12
MHz
tAVGL
Address Setup to PROG Low
48tCLCL
tGHAX
Address Hold After PROG
48tCLCL
tDVGL
Data Setup to PROG Low
48tCLCL
tGHDX
Data Hold After PROG
48tCLCL
tEHSH
P2.7 (ENABLE) High to VPP
48tCLCL
tSHGL
VPP Setup to PROG Low
10
µs
tGHSL
VPP Hold After PROG
10
µs
tGLGH
PROG Width
1
110
µs
tAVQV
Address to Data Valid
48tCLCL
tELQV
ENABLE Low to Data Valid
48tCLCL
tEHQZ
Data Float After ENABLE
0
48tCLCL
tGHBL
PROG High to BUSY Low
1.0
µs
tWC
Byte Write Cycle Time
2.0
ms


Numéro de pièce similaire - AT89LV55-12PI

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT89LV55-12PI ATMEL-AT89LV55-12PI Datasheet
688Kb / 32P
   8-bit Microcontroller with 20K Bytes Flash
AT89LV55-12PI ATMEL-AT89LV55-12PI Datasheet
484Kb / 24P
   8-bit Microcontroller with 20K Bytes Flash
More results

Description similaire - AT89LV55-12PI

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT89C55 ATMEL-AT89C55 Datasheet
606Kb / 24P
   8-Bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55_06 Datasheet
688Kb / 32P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_08 Datasheet
522Kb / 35P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_05 Datasheet
416Kb / 35P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD Datasheet
278Kb / 37P
   8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_02 Datasheet
293Kb / 37P
   8-bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55_01 Datasheet
484Kb / 24P
   8-bit Microcontroller with 20K Bytes Flash
AT87F55WD ATMEL-AT87F55WD Datasheet
234Kb / 26P
   8-bit Microcontroller with 20K Bytes QuickFlash?
AT87LV55 ATMEL-AT87LV55 Datasheet
374Kb / 27P
   8-bit Microcontroller with 20K Bytes QuickFlash짰
AT89C52 ATMEL-AT89C52 Datasheet
181Kb / 22P
   8-Bit Microcontroller with 8K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com