Moteur de recherche de fiches techniques de composants électroniques |
|
AT89LV55-12PI Fiches technique(PDF) 12 Page - ATMEL Corporation |
|
AT89LV55-12PI Fiches technique(HTML) 12 Page - ATMEL Corporation |
12 / 23 page AT89LV55 4-204 Oscillator Characteristics XTAL1 and XTAL2 are the input and output, respectively, of an inverting amplifier that can be configured for use as an on-chip oscillator, as shown in Figure 7. Either a quartz crystal or ceramic resonator may be used. To drive the device from an external clock source, XTAL2 should be left unconnected while XTAL1 is driven, as shown in Figure 8. There are no requirements on the duty cycle of the external clock signal, since the input to the internal clocking circuitry is through a divide-by-two flip-flop, but minimum and maxi- mum voltage high and low time specifications must be observed. Idle Mode In idle mode, the CPU puts itself to sleep while all the on- chip peripherals remain active. The mode is invoked by software. The content of the on-chip RAM and all the spe- cial functions registers remain unchanged during this mode. The idle mode can be terminated by any enabled interrupt or by a hardware reset. Note that when idle mode is terminated by a hardware reset, the device normally resumes program execution from where it left off, up to two machine cycles before the internal reset algorithm takes control. On-chip hardware inhibits access to internal RAM in this event, but access to the port pins is not inhibited. To eliminate the possibility of an unexpected write to a port pin when idle mode is termi- nated by a reset, the instruction following the one that invokes idle mode should not write to a port pin or to exter- nal memory. Figure 7. Oscillator Connections Note: C1, C2 = 30 pF ± 10 pF for Crystals = 40 pF ± 10 pF for Ceramic Resonators Figure 8. External Clock Drive Configuration Status of External Pins During Idle and Power Down Modes Mode Program Memory ALE PSEN PORT0 PORT1 PORT2 PORT3 Idle Internal 1 1 Data Data Data Data Idle External 1 1 Float Data Address Data Power Down Internal 0 0 Data Data Data Data Power Down External 0 0 Float Data Data Data |
Numéro de pièce similaire - AT89LV55-12PI |
|
Description similaire - AT89LV55-12PI |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |