Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD569 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD569
Description  16-Bit Monotonic Voltage Output D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD569 Fiches technique(HTML) 2 Page - Analog Devices

  AD569 Datasheet HTML 1Page - Analog Devices AD569 Datasheet HTML 2Page - Analog Devices AD569 Datasheet HTML 3Page - Analog Devices AD569 Datasheet HTML 4Page - Analog Devices AD569 Datasheet HTML 5Page - Analog Devices AD569 Datasheet HTML 6Page - Analog Devices AD569 Datasheet HTML 7Page - Analog Devices AD569 Datasheet HTML 8Page - Analog Devices AD569 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD569–SPECIFICATIONS
Model
AD569JN/JP/AD
AD569KN/KP/BD
AD569SD
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
16
16
16
Bits
LOGIC INPUTS
VIH(Logic “l”)
2.0
5.5
2.0
5.5
2.0
5.5
Volts
VIL (Logic “0”)
0
0.8
0
0.8
0
0.8
Volts
IIH (VIH = 5.5 V)
10
10
10
µA
IIL (VIL = 0 V)
10
10
10
µA
TRANSFER FUNCTION
CHARACTERISTICS
Integral Nonlinearity
±0.02
0.04
±0.01
0.024
0.04
% FSR
1
TMIN to TMAX
±0.02
0.04
±0.020
0.024
0.04
% FSR
Differential Nonlinearity
±1/2
1
±1/4
1/2
1
LSB
TMIN to TMAX
±1/2
1
±1/2
1
1
LSB
Unipolar Offset
2
500
350
500
µV
TMIN to TMAX
750
450
750
µV
Bipolar Offset
2
500
350
500
µV
TMIN to TMAX
750
450
750
µV
Full Scale Error
2
350
350
350
µV
TMIN to TMAX
750
750
750
µV
Bipolar Zero
2
0.04
0.024
0.04
% FSR
TMIN to TMAX
0.04
0.024
0.04
% FSR
REFERENCE INPUT
+VREF Range
3
–5
+5
–5
+5
–5
+5
Volts
–VREF Range
–5
+5
–5
+5
–5
+5
Volts
Resistance
15
20
25
15
20
25
15
20
25
k
4
OUTPUT CHARACTERISTICS
Voltage
–5
+5
–5
+5
–5
+5
Volts
Capacitive Load
1000
1000
1000
pF
Resistive Load
1
1
1
k
Short Circuit Current
10
10
10
mA
POWER SUPPLIES
Voltage
+VS
+10.8
+12
+13.2
+10.8
+12
+13.2
+10.8
+12
+13.2
Volts
–VS
–10.8
–12
–13.2
–10.8
–12
–13.2
–10.8
–12
–13.2
Volts
Current
+IS
+9
+13
+9
+13
+9
+13
mA
–IS
–9
–13
–9
–13
–9
–13
mA
Power Supply Sensitivity
5
+10.8 V
≤ +V
S ≤ +13.2 V
±0.5
2
±0.5
2
±0.5
2
ppm/%
–10.8 V
≥ –V
S ≥ –13.2 V
±1
3
±1
3
±1
3
ppm/%
TEMPERATURE RANGE
Specified
JN, KN, JP, KP
0
+70
0
+70
°C
AD, BD
–25
+85
–25
+85
°C
SD
–55
+125
°C
Storage
JN, KN, JP, KP
–65
+150
–65
+150
°C
AD, BD, SD
–65
+150
–65
+150
–65
+150
°C
NOTES
1FSR stands for Full-Scale Range, and is 10 V for a –5 V to +5 V span.
2Refer to Definitions section.
3For operation with supplies other than
± 12 V, refer to the Power Supply and Reference Voltage Range Section.
4Measured between +V
REF Force and –VREF Force.
5Sensitivity of Full-Scale Error due to changes in +V
S and sensitivity of Offset to changes in –VS.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
(TA = +25 C, +VS = +12 V, –VS = –12 V, +VREF = +5 V, –VREF = –5 V, unless
otherwise noted.)
REV. A
–2–


Numéro de pièce similaire - AD569

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD569 AD-AD569 Datasheet
469Kb / 12P
   16-Bit Monotonic Voltage Output D/A Converter
REV. A
AD569 AD-AD569 Datasheet
501Kb / 13P
   16-Bit Monotonic Voltage Output D/A Converter
AD5691R AD-AD5691R Datasheet
867Kb / 26P
   Tiny 16-/14-/12-Bit I2C nanoDAC
AD5691RACPZ-1RL7 AD-AD5691RACPZ-1RL7 Datasheet
867Kb / 26P
   Tiny 16-/14-/12-Bit I2C nanoDAC
AD5691RBCPZ-RL7 AD-AD5691RBCPZ-RL7 Datasheet
867Kb / 26P
   Tiny 16-/14-/12-Bit I2C nanoDAC
More results

Description similaire - AD569

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD569 AD-AD569 Datasheet
469Kb / 12P
   16-Bit Monotonic Voltage Output D/A Converter
REV. A
AD569 AD-AD569_15 Datasheet
470Kb / 12P
   16-Bit Monotonic Voltage Output D/A Converter
REV. A
AD569 AD-AD569_17 Datasheet
501Kb / 13P
   16-Bit Monotonic Voltage Output D/A Converter
logo
Sipex Corporation
SP9501 SIPEX-SP9501 Datasheet
159Kb / 9P
   12-Bit, Voltage Output D/A Converter
logo
Analog Devices
DAC210FX AD-DAC210FX Datasheet
1Mb / 4P
   11-BIT VOLTAGE-OUTPUT D/A CONVERTER
7/89,Rev.B1
DAC210 AD-DAC210_15 Datasheet
1Mb / 4P
   11-BIT VOLTAGE OUTPUT D/A CONVERTER
logo
Sipex Corporation
SP9500 SIPEX-SP9500 Datasheet
157Kb / 9P
   12-Bit, Voltage Output D/A Converter
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
   16 bit D/A CONVERTER
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
   16-bit A/D Converter?
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
   16-bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com