Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPSC107K004A0100V Fiches technique(PDF) 5 Page - AVX Corporation

No de pièce TPSC107K004A0100V
Description  TPS Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107K004A0100V Fiches technique(HTML) 5 Page - AVX Corporation

  TPSC107K004A0100V Datasheet HTML 1Page - AVX Corporation TPSC107K004A0100V Datasheet HTML 2Page - AVX Corporation TPSC107K004A0100V Datasheet HTML 3Page - AVX Corporation TPSC107K004A0100V Datasheet HTML 4Page - AVX Corporation TPSC107K004A0100V Datasheet HTML 5Page - AVX Corporation TPSC107K004A0100V Datasheet HTML 6Page - AVX Corporation TPSC107K004A0100V Datasheet HTML 7Page - AVX Corporation TPSC107K004A0100V Datasheet HTML 8Page - AVX Corporation TPSC107K004A0100V Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TPSD337*006#0070
D
330
6.3
20.8
8
70
1
1.464
1.317
0.586
0.102
0.092
0.041
TPSD337*006#0100
D
330
6.3
20.8
8
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSE337*006#0050
E
330
6.3
20.8
8
50
1
1)
1.817
1.635
0.727
0.091
0.082
0.036
TPSE337*006#0100
E
330
6.3
20.8
8
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE337*006#0125
E
330
6.3
20.8
8
125
1
1)
1.149
1.034
0.460
0.144
0.129
0.057
TPSE337*006#0150
E
330
6.3
20.8
8
150
1
1)
1.049
0.944
0.420
0.157
0.142
0.063
TPSV337*006#0100
V
330
6.3
20.8
8
100
1
1)
1.581
1.423
0.632
0.158
0.142
0.063
TPSY337*006#0100
Y
330
6.3
20.8
12
100
1
1)
1.118
1.006
0.447
0.112
0.101
0.045
TPSY337*006#0150
Y
330
6.3
20.8
12
150
1
1)
0.913
0.822
0.365
0.137
0.123
0.055
TPSD477*006#0045
D
470
6.3
29.6
12
45
1
1.826
1.643
0.730
0.082
0.074
0.033
TPSD477*006#0060
D
470
6.3
29.6
12
60
1
1.581
1.423
0.632
0.095
0.085
0.038
TPSD477*006#0100
D
470
6.3
29.6
12
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD477*006#0200
D
470
6.3
29.6
12
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSE477*006#0045
E
470
6.3
29.6
10
45
1
1)
1.915
1.723
0.766
0.086
0.078
0.034
TPSE477*006#0050
E
470
6.3
29.6
10
50
1
1)
1.817
1.635
0.727
0.091
0.082
0.036
TPSE477*006#0060
E
470
6.3
29.6
10
60
1
1)
1.658
1.492
0.663
0.099
0.090
0.040
TPSE477*006#0100
E
470
6.3
29.6
10
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE477*006#0200
E
470
6.3
29.6
10
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSV477*006#0040
V
470
6.3
29.6
10
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
TPSV477*006#0055
V
470
6.3
29.6
10
55
1
1)
2.132
1.919
0.853
0.117
0.106
0.047
TPSV477*006#0100
V
470
6.3
29.6
10
100
1
1)
1.581
1.423
0.632
0.158
0.142
0.063
TPSY477*006#0150
Y
470
6.3
28.2
20
150
1
1)
0.913
0.822
0.365
0.137
0.123
0.055
TPSE687*006#0045
E
680
6.3
42.8
10
45
1
1)
1.915
1.723
0.766
0.086
0.078
0.034
TPSE687*006#0060
E
680
6.3
42.8
10
60
1
1)
1.658
1.492
0.663
0.099
0.090
0.040
TPSE687*006#0100
E
680
6.3
42.8
10
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSV687*006#0035
V
680
6.3
42.8
14
35
1
1)
2.673
2.405
1.069
0.094
0.084
0.037
TPSV687*006#0040
V
680
6.3
42.8
10
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
TPSV687*006#0050
V
680
6.3
42.8
10
50
1
1)
2.236
2.012
0.894
0.112
0.101
0.045
TPSE108M006#0100
E
1000
6.3
60
20
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSV108M006#0040
V
1000
6.3
60
16
40
1
1)
2.500
2.250
1.000
0.100
0.090
0.040
TPSV108M006#0050
V
1000
6.3
60
16
50
1
1)
2.236
2.012
0.894
0.112
0.101
0.045
10 Volt @ 85ºC (7 Volt @ 125ºC)
TPSR105*010#9000
R
1
10
0.5
4
9000
1
0.078
0.070
0.031
0.704
0.633
0.281
TPSA225*010#1800
A
2.2
10
0.5
6
1800
1
0.204
0.184
0.082
0.367
0.331
0.147
TPST335*010#1500
T
3.3
10
0.5
6
1500
1
0.231
0.208
0.092
0.346
0.312
0.139
TPSA475*010#1400
A
4.7
10
0.5
6
1400
1
0.231
0.208
0.093
0.324
0.292
0.130
TPSR475*010#3000
R
4.7
10
0.5
6
3000
1
0.135
0.122
0.054
0.406
0.366
0.162
TPSR475*010#5000
R
4.7
10
0.5
6
5000
1
0.105
0.094
0.042
0.524
0.472
0.210
TPSA685*010#1800
A
6.8
10
0.7
6
1800
1
0.204
0.184
0.082
0.367
0.331
0.147
TPST685*010#1800
T
6.8
10
0.7
6
1800
1
0.211
0.190
0.084
0.379
0.342
0.152
TPSA106*010#0900
A
10
10
1
6
900
1
0.289
0.260
0.115
0.260
0.234
0.104
TPSA106*010#1800
A
10
10
1
6
1800
1
0.204
0.184
0.082
0.367
0.331
0.147
TPSP106M010#2000
P
10
10
1
8
2000
1
0.173
0.156
0.069
0.346
0.312
0.139
TPST106*010#1000
T
10
10
1
6
1000
1
0.283
0.255
0.113
0.283
0.255
0.113
TPST106*010#2000
T
10
10
1
6
2000
1
0.200
0.180
0.080
0.400
0.360
0.160
TPSA156*010#1000
A
15
10
1.5
6
1000
1
0.274
0.246
0.110
0.274
0.246
0.110
TPSB156*010#0450
B
15
10
1.5
6
450
1
0.435
0.391
0.174
0.196
0.176
0.078
TPSB156*010#0600
B
15
10
1.5
6
600
1
0.376
0.339
0.151
0.226
0.203
0.090
TPST156*010#1200
T
15
10
1.5
8
1200
1
0.258
0.232
0.103
0.310
0.279
0.124
TPSB226*010#0400
B
22
10
2.2
6
400
1
0.461
0.415
0.184
0.184
0.166
0.074
TPSB226*010#0500
B
22
10
2.2
6
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSB226*010#0700
B
22
10
2.2
6
700
1
0.348
0.314
0.139
0.244
0.220
0.098
TPSC226*010#0300
C
22
10
2.2
6
300
1
0.606
0.545
0.242
0.182
0.163
0.073
TPST226*010#0800
T
22
10
2.2
8
800
1
0.316
0.285
0.126
0.253
0.228
0.101
TPSA336*010#0700
A
33
10
3.3
8
700
1
0.327
0.295
0.131
0.229
0.206
0.092
TPSB336*010#0250
B
33
10
3.3
6
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSB336*010#0425
B
33
10
3.3
6
425
1
0.447
0.402
0.179
0.190
0.171
0.076
TPSB336*010#0500
B
33
10
3.3
6
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSB336*010#0650
B
33
10
3.3
6
650
1
0.362
0.325
0.145
0.235
0.212
0.094
TPSC336*010#0150
C
33
10
3.3
6
150
1
0.856
0.771
0.343
0.128
0.116
0.051
TPSC336*010#0375
C
33
10
3.3
6
375
1
0.542
0.487
0.217
0.203
0.183
0.081
TPSC336*010#0500
C
33
10
3.3
6
500
1
0.469
0.422
0.188
0.235
0.211
0.094
TPSW336*010#0350
W
33
10
3.3
6
350
1
0.507
0.456
0.203
0.177
0.160
0.071
TPSB476*010#0250
B
47
10
4.7
8
250
1
0.583
0.525
0.233
0.146
0.131
0.058
TPSB476*010#0350
B
47
10
4.7
8
350
1
0.493
0.444
0.197
0.172
0.155
0.069
TPSB476*010#0500
B
47
10
4.7
8
500
1
0.412
0.371
0.165
0.206
0.186
0.082
TPSB476*010#0650
B
47
10
4.7
8
650
1
0.362
0.325
0.145
0.235
0.212
0.094
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 124.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
34


Numéro de pièce similaire - TPSC107K004A0100V

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
TPSC107K004A0100V AVX-TPSC107K004A0100V Datasheet
137Kb / 11P
   Low ESR
TPSC107K004A0100V AVX-TPSC107K004A0100V Datasheet
166Kb / 11P
   TPS Series
TPSC107K004A0100V AVX-TPSC107K004A0100V Datasheet
197Kb / 16P
   TPS Series
TPSC107K004A0100V AVX-TPSC107K004A0100V Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K004A0100V AVX-TPSC107K004A0100V Datasheet
146Kb / 11P
   TPS Series Low ESR
More results

Description similaire - TPSC107K004A0100V

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
TPSE686K025R0125 AVX-TPSE686K025R0125 Datasheet
163Kb / 11P
   TPS Series
TPSD476K025R0125 AVX-TPSD476K025R0125 Datasheet
146Kb / 11P
   TPS Series
TPSD226K035R0200 AVX-TPSD226K035R0200 Datasheet
166Kb / 11P
   TPS Series
TPSE476M035R0200 AVX-TPSE476M035R0200 Datasheet
197Kb / 16P
   TPS Series
TPSD686K020R0070 AVX-TPSD686K020R0070 Datasheet
163Kb / 11P
   TPS Series
TPSE226K035R0200 AVX-TPSE226K035R0200 Datasheet
146Kb / 11P
   TPS Series
TPSB107M010R0400 AVX-TPSB107M010R0400 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC336K016R0150 AVX-TPSC336K016R0150 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M016R0100 AVX-TPSD107M016R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSW226K016R0500 AVX-TPSW226K016R0500 Datasheet
169Kb / 12P
   TPS Series Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com