Moteur de recherche de fiches techniques de composants électroniques |
|
TPSC107M020S0100V Fiches technique(PDF) 4 Page - AVX Corporation |
|
TPSC107M020S0100V Fiches technique(HTML) 4 Page - AVX Corporation |
4 / 11 page TPS Series Low ESR RATINGS & PART NUMBER REFERENCE Rated DCL DF ESR 100kHz RMS Current (A) 100kHz RMS Voltage (V) AVX Case Capacitance Voltage (μA) % Max. (mΩ) MSL Part No. Size (μF) (V) Max. Max. @100kHz 25ºC 85ºC 125ºC 25ºC 85ºC 125ºC 6.3 Volt @ 85ºC (4 Volt @ 125ºC) TPSR225*006#7000 R 2.2 6.3 0.5 6 7000 1 0.089 0.080 0.035 0.620 0.558 0.248 TPSS475*006#4000 S 4.7 6.3 0.5 6 4000 1 0.127 0.115 0.051 0.510 0.459 0.204 TPSA685*006#1800 A 6.8 6.3 0.5 6 1800 1 0.204 0.184 0.082 0.367 0.331 0.147 TPSA106*006#1500 A 10 6.3 0.6 6 1500 1 0.224 0.201 0.089 0.335 0.302 0.134 TPSR106*006#1000 R 10 6.3 0.6 8 1000 1 0.235 0.211 0.094 0.235 0.211 0.094 TPSR106*006#1500 R 10 6.3 0.6 8 1500 1 0.191 0.172 0.077 0.287 0.259 0.115 TPSR106*006#3000 R 10 6.3 0.6 8 3000 1 0.135 0.122 0.054 0.406 0.366 0.162 TPST106*006#1000 T 10 6.3 0.6 6 1000 1 0.283 0.255 0.113 0.283 0.255 0.113 TPSA156*006#0700 A 15 6.3 0.9 6 700 1 0.327 0.295 0.131 0.229 0.206 0.092 TPSA156*006#1500 A 15 6.3 0.9 6 1500 1 0.224 0.201 0.089 0.335 0.302 0.134 TPSA226*006#0500 A 22 6.3 1.4 6 500 1 0.387 0.349 0.155 0.194 0.174 0.077 TPSA226*006#0900 A 22 6.3 1.4 6 900 1 0.289 0.260 0.115 0.260 0.234 0.104 TPSB226*006#0375 B 22 6.3 1.4 6 375 1 0.476 0.428 0.190 0.179 0.161 0.071 TPSB226*006#0600 B 22 6.3 1.4 6 600 1 0.376 0.339 0.151 0.226 0.203 0.090 TPSS226*006#0900 S 22 6.3 1.4 8 900 1 0.269 0.242 0.107 0.242 0.218 0.097 TPSA336*006#0600 A 33 6.3 2.1 8 600 1 0.354 0.318 0.141 0.212 0.191 0.085 TPSB336*006#0250 B 33 6.3 2.1 6 250 1 0.583 0.525 0.233 0.146 0.131 0.058 TPSB336*006#0350 B 33 6.3 2.1 6 350 1 0.493 0.444 0.197 0.172 0.155 0.069 TPSB336*006#0450 B 33 6.3 2.1 6 450 1 0.435 0.391 0.174 0.196 0.176 0.078 TPSB336*006#0600 B 33 6.3 2.1 6 600 1 0.376 0.339 0.151 0.226 0.203 0.090 TPST336*006#0800 T 33 6.3 2.1 10 800 1 0.316 0.285 0.126 0.253 0.228 0.101 TPSA476*006#0800 A 47 6.3 2.8 10 800 1 0.306 0.276 0.122 0.245 0.220 0.098 TPSB476*006#0250 B 47 6.3 3 6 250 1 0.583 0.525 0.233 0.146 0.131 0.058 TPSB476*006#0350 B 47 6.3 3 6 350 1 0.493 0.444 0.197 0.172 0.155 0.069 TPSB476*006#0500 B 47 6.3 3 6 500 1 0.412 0.371 0.165 0.206 0.186 0.082 TPSC476*006#0300 C 47 6.3 3 6 300 1 0.606 0.545 0.242 0.182 0.163 0.073 TPST476*006#1200 T 47 6.3 2.8 10 1200 1 0.258 0.232 0.103 0.310 0.279 0.124 TPSB686*006#0250 B 68 6.3 4.3 8 250 1 0.583 0.525 0.233 0.146 0.131 0.058 TPSB686*006#0350 B 68 6.3 4.3 8 350 1 0.493 0.444 0.197 0.172 0.155 0.069 TPSB686*006#0500 B 68 6.3 4.3 8 500 1 0.412 0.371 0.165 0.206 0.186 0.082 TPSC686*006#0150 C 68 6.3 4.3 6 150 1 0.856 0.771 0.343 0.128 0.116 0.051 TPSC686*006#0200 C 68 6.3 4.3 6 200 1 0.742 0.667 0.297 0.148 0.133 0.059 TPSW686*006#0110 W 68 6.3 4.3 6 110 1 0.905 0.814 0.362 0.099 0.090 0.040 TPSW686*006#0125 W 68 6.3 4.3 6 125 1 0.849 0.764 0.339 0.106 0.095 0.042 TPSW686*006#0250 W 68 6.3 4.3 6 250 1 0.600 0.540 0.240 0.150 0.135 0.060 TPSB107*006#0250 B 100 6.3 6.3 10 250 1 0.583 0.525 0.233 0.146 0.131 0.058 TPSB107*006#0400 B 100 6.3 6.3 10 400 1 0.461 0.415 0.184 0.184 0.166 0.074 TPSC107*006#0075 C 100 6.3 6.3 6 75 1 1.211 1.090 0.484 0.091 0.082 0.036 TPSC107*006#0150 C 100 6.3 6.3 6 150 1 0.856 0.771 0.343 0.128 0.116 0.051 TPSW107*006#0100 W 100 6.3 6.3 6 100 1 0.949 0.854 0.379 0.095 0.085 0.038 TPSW107*006#0150 W 100 6.3 6.3 6 150 1 0.775 0.697 0.310 0.116 0.105 0.046 TPSY107*006#0100 Y 100 6.3 6.3 6 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 TPSC157*006#0050 C 150 6.3 9.5 6 50 1 1.483 1.335 0.593 0.074 0.067 0.030 TPSC157*006#0090 C 150 6.3 9.5 6 90 1 1.106 0.995 0.442 0.099 0.090 0.040 TPSC157*006#0150 C 150 6.3 9.5 6 150 1 0.856 0.771 0.343 0.128 0.116 0.051 TPSC157*006#0200 C 150 6.3 9.5 6 200 1 0.742 0.667 0.297 0.148 0.133 0.059 TPSC157*006#0250 C 150 6.3 9.5 6 250 1 0.663 0.597 0.265 0.166 0.149 0.066 TPSD157*006#0050 D 150 6.3 9.5 6 50 1 1.732 1.559 0.693 0.087 0.078 0.035 TPSD157*006#0125 D 150 6.3 9.5 6 125 1 1.095 0.986 0.438 0.137 0.123 0.055 TPSY157*006#0040 Y 150 6.3 9.5 6 40 1 1) 1.768 1.591 0.707 0.071 0.064 0.028 TPSY157*006#0050 Y 150 6.3 9.5 6 50 1 1) 1.581 1.423 0.632 0.079 0.071 0.032 TPSC227*006#0070 C 220 6.3 13.9 8 70 1 1.254 1.128 0.501 0.088 0.079 0.035 TPSC227*006#0100 C 220 6.3 13.9 8 100 1 1.049 0.944 0.420 0.105 0.094 0.042 TPSC227*006#0125 C 220 6.3 13.9 8 125 1 0.938 0.844 0.375 0.117 0.106 0.047 TPSC227*006#0250 C 220 6.3 13.9 8 250 1 0.663 0.597 0.265 0.166 0.149 0.066 TPSD227*006#0050 D 220 6.3 13.9 8 50 1 1.732 1.559 0.693 0.087 0.078 0.035 TPSD227*006#0100 D 220 6.3 13.9 8 100 1 1.225 1.102 0.490 0.122 0.110 0.049 TPSD227*006#0125 D 220 6.3 13.9 8 125 1 1.095 0.986 0.438 0.137 0.123 0.055 TPSE227*006#0100 E 220 6.3 13.9 8 100 1 1) 1.285 1.156 0.514 0.128 0.116 0.051 TPSF227*006#0200 F 220 6.3 13.2 10 200 1 0.707 0.636 0.283 0.141 0.127 0.057 TPSY227*006#0100 Y 220 6.3 13.9 10 100 1 1) 1.118 1.006 0.447 0.112 0.101 0.045 TPSY227*006#0150 Y 220 6.3 13.9 10 150 1 1) 0.913 0.822 0.365 0.137 0.123 0.055 TPSC337*006#0080 C 330 6.3 19.8 12 80 1 1.173 1.055 0.469 0.094 0.084 0.038 TPSC337*006#0100 C 330 6.3 19.8 12 100 1 1.049 0.944 0.420 0.105 0.094 0.042 TPSD337*006#0045 D 330 6.3 20.8 8 45 1 1.826 1.643 0.730 0.082 0.074 0.033 TPSD337*006#0050 D 330 6.3 20.8 8 50 1 1.732 1.559 0.693 0.087 0.078 0.035 11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3. Moisture Sensitivity Level (MSL) is defined according to J-STD-020. All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting. For typical weight and composition see page 124. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. 33 |
Numéro de pièce similaire - TPSC107M020S0100V |
|
Description similaire - TPSC107M020S0100V |