Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

969M101-12-1 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce 969M101-12-1
Description  Hi-Flex Unshielded Cables
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

969M101-12-1 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  969M101-12-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 969M101-12-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AWG
Amp
Rating*
Volts DC
Part Number
16
19
20,000
969M101-16-6
18
15
20,000
969M101-18-6
20
10
18,000
969M101-20-6
22
8
18,000
969M101-22-6
24
7
12,000
969M101-24-6
26
6
12,000
969M101-26-6
28
5
12,000
969M101-28-6
14
27
20,000
969M101-14-8
16
19
20,000
969M101-16-8
18
15
20,000
969M101-18-8
20
10
18,000
969M101-20-8
22
8
18,000
969M101-22-8
24
7
12,000
969M101-24-8
26
6
12,000
969M101-26-8
28
5
12,000
969M101-28-8
16
26
20,000
969M101-16-10
18
20
20,000
969M101-18-10
20
13
18,000
969M101-20-10
22
11
18,000
969M101-22-10
24
8
12,000
969M101-24-10
26
6
12,000
969M101-26-10
28
5
12,000
969M101-28-10
16
19
20,000
969M101-16-12
18
15
20,000
969M101-18-12
20
10
18,000
969M101-20-12
22
8
18,000
969M101-22-12
24
7
12,000
969M101-24-12
AWG
Amp
Rating*
Volts DC
Part Number
4
125
42,000
969M101-4-1
6
95
42,000
969M101-6-1
8
65
42,000
969M101-8-1
10
47
42,000
969M101-10-1
12
36
42,000
969M101-12-1
14
27
42,000
969M101-14-1
16
19
42,000
969M101-16-1
18
15
42,000
969M101-18-1
20
10
31,000
969M101-20-1
22
8
31,000
969M101-22-1
24
7
12,000
969M101-24-1
26
6
12,000
969M101-26-1
28
5
12,000
969M101-28-1
30
3
10,000
969M101-30-1
16
19
20,000
969M101-16-2
18
15
20,000
969M101-18-2
20
10
18,000
969M101-20-2
22
8
18,000
969M101-22-2
24
7
12,000
969M101-24-2
26
6
12,000
969M101-26-2
28
5
12,000
969M101-28-2
12
36
20,000
969M101-12-3
14
27
20,000
969M101-14-3
16
19
20,000
969M101-16-3
18
15
20,000
969M101-18-3
20
10
18,000
969M101-20-3
22
8
18,000
969M101-22-3
24
7
12,000
969M101-24-3
26
6
12,000
969M101-26-3
28
5
12,000
969M101-28-3
4
125
20,000
969M101-4-4
6
95
20,000
969M101-6-4
8
65
20,000
969M101-8-4
10
47
20,000
969M101-10-4
12
36
20,000
969M101-12-4
14
27
20,000
969M101-14-4
16
19
20,000
969M101-16-4
18
15
20,000
969M101-18-4
20
10
18,000
969M101-20-4
22
8
18,000
969M101-22-4
24
7
12,000
969M101-24-4
26
6
12,000
969M101-26-4
28
5
12,000
969M101-28-4
Specify Hi-Flex Unshielded Cables by Part Number and Length in feet. Hi-Flex Unshielded Cables
are maintained in stock for immediate delivery. Cable with prepared ends or assemblies with
connectors are produced to order with minimum lead times.
* Amp rating is the maximum value for each conductor (excluding ground) at a room
temperature of 86°F (30°C). Amp rating decreases as temperature increases, if multiple
cables are bundled, or if inserted into conduit.
#0400 5/10 1M
Hi-Flex Unshielded Cables
ISO/AS9100 Certified


Numéro de pièce similaire - 969M101-12-1

FabricantNo de pièceFiches techniqueDescription
logo
3M Electronics
969 3M-969 Datasheet
378Kb / 5P
   3M??Shunt
logo
WECO ELECTRICAL CONNECT...
969 WECO-969 Datasheet
62Kb / 1P
   PCB connector Screw connection, large conductor space
11.17
logo
Agilent(Hewlett-Packard...
969-9232 HP-969-9232 Datasheet
680Kb / 3P
   Agilent TwisTorr 84 FS
969-9232 HP-969-9232 Datasheet
619Kb / 3P
   Agilent Quality Assured
969-9236 HP-969-9236 Datasheet
680Kb / 3P
   Agilent TwisTorr 84 FS
More results

Description similaire - 969M101-12-1

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
7201A ETC2-7201A Datasheet
103Kb / 3P
   300V Flex Data Cables
logo
Molex Electronics Ltd.
E61522 MOLEX1-E61522 Datasheet
118Kb / 2P
   Temp-Flex MediSpec Micro Coaxial Cables
100061 MOLEX1-100061 Datasheet
613Kb / 2P
   Temp-Flex MediSpec High-Density Micro-Ribbon Cables
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
   Computer Cables Adapters Cables
logo
Mini-Circuits
CBL-SERIES MINI-CBL-SERIES Datasheet
236Kb / 3P
   Coaxial-Flex Test Cables 50??DC to 18 GHz
logo
Ultralife Corporation.
CAXXXX ULTRALIFE-CAXXXX Datasheet
475Kb / 3P
   Cables
26 MAY 21 Rev: R
logo
Hammond Manufacturing L...
VCT HAMMOND-VCT Datasheet
59Kb / 1P
   Chemin de cables pour cables verticaux
logo
SICK AG
DOL-0803-G02MCS01 SICK-DOL-0803-G02MCS01 Datasheet
274Kb / 4P
   Connecting cables
DSL-1204-G1M5 SICK-DSL-1204-G1M5 Datasheet
238Kb / 4P
   Connection cables
logo
Balluff Korea Ltd.
BCC0AC9 BALLUFF-BCC0AC9 Datasheet
90Kb / 2P
   Bulk Cables
0.5_2022-07-16
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com