Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DM-315 Datasheet(Fiches technique) 1 Page - List of Unclassifed Manufacturers

Numéro de pièce DM-315
Description  PT100 PLATINUM SENSING RESISTORS
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

DM-315 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DM-315 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM-315 Datenblatt HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pt100 Platinum Sensing Resistors
Pt100 Elements, Thin Film (100 Ohm)
Pt100 elements to IEC 751 Class A & B
For use from –50oC to +550oC
Thin film construction
Suits surface & immersion applications where protected
Vibration resistant
Specifications of elements
Sensor type:
Pt100 (100 Ohms @ 0oC)
Construction:
Thin film, 10mm tails
Temperature range:
-50oC to +550oC
Ice point resistance:
100Ω
Fundamental interval
(0oC to 100oC)
38.5Ω (nominal)
Self heating
<005oC/mW
Thermal response
0.1s
Stability
±0.05%
Dimensions & tolerance class
2 x 5.0mm, 2 x 10mm, 2 x 2.3mm, 1.2 x 4.0mm
& 1.2 x 1.6mm
1.6 x 3.2mm (surface mount - range -50°C to +150°C)
Dimensions & codes
FARNELL Code Labfacility code
Lab Data Code
Lab Stock Code
Pt100, 2 x 5.0mm, Class A
TBA
DM-508
FAR62/A
XF-537-D
Pt100, 2 x 2.3mm, Class A
TBA
DM-303
FAR62/B
XF-538-D
Pt100, 1.2 x 4.0mm, Class A
TBA
DM-312
FAR62/C
XF-539-D
Pt100, 1.2 x 4.0mm, Class B
TBA
DM-313
FAR62/D
XF-540-D
Pt100, 1.2 x 1.6mm, Class A
TBA
DM-314
FAR62/E
XF-541-D
Pt100, 1.2 x 1.6mm, Class B
TBA
DM-315
FAR62/F
XF-542-D
1


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn