Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JKXFD1G05MCSM Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce JKXFD1G05MCSM
Description  Wire gauge range from 28 AWG to 14 AWG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

JKXFD1G05MCSM Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button JKXFD1G05MCSM Datasheet HTML 2Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 3Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 4Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 5Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 6Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 7Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 8Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 9Page - List of Unclassifed Manufacturers JKXFD1G05MCSM Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
37
JKX Series
≤ 1.35
> 1.35
≤ 1.6
> 1.6
≤ 1.35
> 1.35
≤ 1.6
> 1.6
≤ 2.1
> 2.1
Wiring and assembly instructions
• Cable stripping for connectors with crimp contacts
• Cable stripping for connectors with solder contacts
Stripping for FD / PC
LC
T
0.7
15
7
0.9
15
7
0.7
17
8
1
0.9
17
8
1.3
17
8
Shell size
Ø Contacts
Ø I
Shell size
Ø Contacts
0
1
0
4
5.5
4
5.5
4
5.5
4
5.5
4
5.5
Stripping for FD / PC
LS
T
0.5
11
2
7
0.7
12
3
7
0.9
12
3
7
0.5
13
2
8
0.7
14
3
8
0.9
14
3
8
1.3
14
3.5
8
ØI : diameter over insulation
: O’ring for sealing between receptacle and plug shell
: O’ring for sealing between receptacle and panel
: O’ring for sealing between plug body and backshell
: seals to accomodate variety of cable diameters
Fixed receptacle
Straight plug
• Watertightness design (mated connectors)


Description similaire - JKXFD1G05MCSM

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
W28-6H ETC2-W28-6H Datasheet
4Mb / 1P
   AWG 28 TEFZEL WIRE
logo
Molex Electronics Ltd.
0011260069 MOLEX-0011260069 Datasheet
49Kb / 1P
   Applicator for M211A Bench Press, 14-28 AWG Wire
08/25/2022
logo
Amphenol Corporation
P-UE66-X04-XXX0 AMPHENOL-P-UE66-X04-XXX0 Datasheet
86Kb / 1P
   REQUIREMENT TO BUILD UP 28 AWG WIRE
logo
Molex Electronics Ltd.
63900-0200 MOLEX11-63900-0200 Datasheet
49Kb / 1P
   FineAdjust Applicator, 14 AWG Wire
0191640077 MOLEX4-0191640077 Datasheet
83Kb / 2P
   Perma-Seal??Step Down Butt Splice from 10-12 AWG to 14-16 AWG
0639004300 MOLEX-0639004300 Datasheet
32Kb / 1P
   FineAdjust Applicator, 28-32 AWG Wire
08/25/2022
63900-4300 MOLEX11-63900-4300 Datasheet
49Kb / 1P
   FineAdjust Applicator, 28-32 AWG Wire
63900-0700 MOLEX11-63900-0700 Datasheet
49Kb / 1P
   FineAdjust Applicator, 14-16 AWG Wire
63900-1800 MOLEX11-63900-1800 Datasheet
50Kb / 1P
   FineAdjust Applicator, 14-20 AWG Wire
0639001800 MOLEX-0639001800 Datasheet
32Kb / 1P
   FineAdjust Applicator, 14-20 AWG Wire
08/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com