Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA7918TU Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce KA7918TU
Description  3-Terminal 1 A Negative Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7918TU Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  KA7918TU Datasheet HTML 1Page - Fairchild Semiconductor KA7918TU Datasheet HTML 2Page - Fairchild Semiconductor KA7918TU Datasheet HTML 3Page - Fairchild Semiconductor KA7918TU Datasheet HTML 4Page - Fairchild Semiconductor KA7918TU Datasheet HTML 5Page - Fairchild Semiconductor KA7918TU Datasheet HTML 6Page - Fairchild Semiconductor KA7918TU Datasheet HTML 7Page - Fairchild Semiconductor KA7918TU Datasheet HTML 8Page - Fairchild Semiconductor KA7918TU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA79XX / KA79XXA / LM79XX Rev. 1.1.0
4
Electrical Characteristics (KA7906)
(VI = -11 V, IO = 500 mA, 0°C ≤ TJ ≤ +125°C, CI = 2.2 μF, CO = 1 μF; unless otherwise specified.)
Note:
4. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ =+25°C
-5.75
-6.00
-6.25
V
IO = 5 mA to 1 A, PO ≤ 15 W,
VI = -9 V to -21 V
-5.70
-6.00
-6.30
ΔVO
Line Regulation(4)
TJ = +25°C
VI = -8 V to -25 V
10
120
mV
VI = -9 V to -13 V
5
60
ΔVO
Load Regulation(4)
TJ = +25°C, IO = 5 mA to 1.5 A
10
120
mV
TJ = +25°C, IO = 250 mA to 750 mA
3
60
IQ
Quiescent Current
TJ = +25°C3
6
mA
ΔIQ
Quiescent Current
Change
IO = 5 mA to 1 A
0.05
0.50
mA
VI = -8 V to -25 V
0.10
1.30
ΔVo/ΔT
Temperature Coefficient
of VD
IO = 5 mA
-0.5
mV/
°C
VN
Output Noise Voltage
f = 10 Hz to 100 kHz, TA =+25°C130
μV
RR
Ripple Rejection
f = 120 Hz,
ΔVI = 10 V
54
60
dB
VD
Dropout Voltage
TJ = +25°C, IO = 1 A
2
V
ISC
Short-Circuit Current
TJ = +25°C, VI = -35 V
300
mA
IPK
Peak Current
TJ = +25°C2.2
A


Numéro de pièce similaire - KA7918TU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA7918TU FAIRCHILD-KA7918TU Datasheet
164Kb / 17P
   3-Terminal 1A Negative Voltage Regulator
KA7918TU FAIRCHILD-KA7918TU Datasheet
286Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
More results

Description similaire - KA7918TU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
LM7905CT FAIRCHILD-LM7905CT Datasheet
286Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
logo
Thinki Semiconductor Co...
LM79XX THINKISEMI-LM79XX Datasheet
407Kb / 3P
   3-Terminal 1 A Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com