Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL-T2E2 Fiches technique(PDF) 10 Page - Omron Electronics LLC

No de pièce TL-T2E2
Description  Slim Proximity Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-T2E2 Fiches technique(HTML) 10 Page - Omron Electronics LLC

Back Button TL-T2E2 Datasheet HTML 6Page - Omron Electronics LLC TL-T2E2 Datasheet HTML 7Page - Omron Electronics LLC TL-T2E2 Datasheet HTML 8Page - Omron Electronics LLC TL-T2E2 Datasheet HTML 9Page - Omron Electronics LLC TL-T2E2 Datasheet HTML 10Page - Omron Electronics LLC TL-T2E2 Datasheet HTML 11Page - Omron Electronics LLC TL-T2E2 Datasheet HTML 12Page - Omron Electronics LLC TL-T2E2 Datasheet HTML 13Page - Omron Electronics LLC TL-T2E2 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Proximity Sensors Technical Guide
Loads with Large Inrush Current
Loads, such as lamps or motors, that cause a large inrush current* will
weaken or damage the switching element. In this situation, use a
relay.
*E2K, TL-N
@Y: 1 A or higher
●Mounting
Mounting the Sensor
When mounting a Sensor, do not tap it with a hammer or otherwise
subject it to excessive shock. This will weaken water resistance and
may damage the Sensor. If the Sensor is being secured with bolts,
observe the allowable tightening torque. Some models require the
use of toothed washers.
For details, refer to the mounting precautions in Precautions for
Correct Use in individual product information.
Mounting/Removing Using DIN Track
(Example for E2CY)
<Mounting>
(1)Insert the front of the Sensor into the special Mounting Bracket
(included) or DIN Track.
(2)Press the rear of the Sensor into the special Mounting Bracket or
DIN Track.
• When mounting the side of the Sensor using the special Mounting
Bracket, first secure the Amplifier Unit to the special Mounting
Bracket, and then mount the special Mounting Bracket with M3
screws and flat washers with a diameter of 6 mm maximum.
<Removing>
• While pressing the Amplifier Unit in the direction of (3), lift the fiber
plug in the direction of (4) for easy removal without a screwdriver.
Set Distance
The sensing distance may vary due to fluctuations in temperature and
voltage. When mounting the Sensor, it is recommend that installation
be based on the set distance.
Front
Rear
Mounting track (yellow)
DIN Track (or Mounting Bracket)
(1)
(2)
Flat washers (6 dia. max.)
(3)
(4)
DIN Track
http://www.ia.omron.com/
C-5
(c)Copyright OMRON Corporation 2008 All Rights Reserved.


Numéro de pièce similaire - TL-T2E2

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
TL-TORQUEDRIVER-01 IRONWOOD-TL-TORQUEDRIVER-01 Datasheet
16Kb / 1P
   Adjustable torquescrewdriver
TL-TORQUEDRIVER-02 IRONWOOD-TL-TORQUEDRIVER-02 Datasheet
16Kb / 1P
   Adjustable torquescrewdriver
TL-TORQUEDRIVER-03 IRONWOOD-TL-TORQUEDRIVER-03 Datasheet
16Kb / 1P
   Adjustable torquescrewdriver
logo
TAITIEN ELECTRONICS CO....
TL-TYPE TAITIEN-TL-TYPE Datasheet
442Kb / 1P
   5.0 x 3.2 mm SMD Voltage Controlled Temperature Compensated Crystal Oscillator
More results

Description similaire - TL-T2E2

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
   Proximity sensor
2427617 FESTO-2427617 Datasheet
81Kb / 2P
   Proximity sensor
2427618 FESTO-2427618 Datasheet
84Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com