Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT27BV020 Fiches technique(PDF) 1 Page - ATMEL Corporation

No de pièce AT27BV020
Description  2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27BV020 Fiches technique(HTML) 1 Page - ATMEL Corporation

  AT27BV020 Datasheet HTML 1Page - ATMEL Corporation AT27BV020 Datasheet HTML 2Page - ATMEL Corporation AT27BV020 Datasheet HTML 3Page - ATMEL Corporation AT27BV020 Datasheet HTML 4Page - ATMEL Corporation AT27BV020 Datasheet HTML 5Page - ATMEL Corporation AT27BV020 Datasheet HTML 6Page - ATMEL Corporation AT27BV020 Datasheet HTML 7Page - ATMEL Corporation AT27BV020 Datasheet HTML 8Page - ATMEL Corporation AT27BV020 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PLCC, Top View
Features
Fast Read Access Time - 90 ns
Dual Voltage Range Operation
– Unregulated Battery Power Supply Range, 2.7V to 3.6V
or Standard 5V
± 10% Supply Range
Compatible with JEDEC Standard AT27C020
Low Power CMOS Operation
–20
µA max. (less than 1 µA typical) Standby for V
CC = 3.6V
– 29 mW max. Active at 5 MHz for V
CC = 3.6V
Wide Selection of JEDEC Standard Packages
– 32-Lead PLCC
– 32-Lead TSOP (8 x 20mm)
– 32-Lead VSOP (8 x 14mm)
– 42-Ball CBGA (8 x 8mm)
High Reliability CMOS Technology
– 2,000V ESD Protection
– 200 mA Latchup Immunity
RapidProgramming Algorithm - 100
µs/byte (typical)
CMOS and TTL Compatible Inputs and Outputs
– JEDEC Standard for LVTTL and LVBO
Integrated Product Identification Code
Commercial and Industrial Temperature Ranges
Description
The AT27BV020 is a high-performance, low-power, low-voltage 2,097,152-bit one-
time programmable read only memory (OTP EPROM) organized as 256K by 8 bits. It
requires only one supply in the range of 2.7 to 3.6V in normal read mode operation,
making it ideal for fast, portable systems using either regulated or unregulated battery
power.
AT27BV020
2-Megabit
(256K x 8)
Unregulated
Battery-Voltage
High Speed
OTP EPROM
AT27BV020
TSOP, VSOP Top View
Type 1
0902A-A–10/97
Pin Configurations
Pin Name
Function
A0 - A17
Address
O0 - O7
Outputs
CE
Chip Enable
OE
Output Enable
PGM
Program Strobe
(continued)
CBGA Top View
A
B
C
D
E
F
1
234567
GND
A17
A10
A14
A16
A15
O6
O7
NC
A13
A11
A12
VCC
O4
O5
A9
PGM
A8
VCC
NC
NC
NC
NC
NC
O2
NC
O3
NC
A7
VPP
OE
O0
O1
A6
A4
A5
GND
CE
A0
A3
A1
A2


Numéro de pièce similaire - AT27BV020

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT27BV020 ATMEL-AT27BV020 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90JI ATMEL-AT27BV020-90JI Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90JU ATMEL-AT27BV020-90JU Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90TI ATMEL-AT27BV020-90TI Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020-90TU ATMEL-AT27BV020-90TU Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
More results

Description similaire - AT27BV020

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV256 ATMEL-AT27BV256_07 Datasheet
420Kb / 15P
   256K (32K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV4096 ATMEL-AT27BV4096 Datasheet
223Kb / 9P
   4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV400 ATMEL-AT27BV400 Datasheet
267Kb / 11P
   4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27BV256 ATMEL-AT27BV256 Datasheet
253Kb / 9P
   256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com