Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC102S085 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC102S085
Description  DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC102S085 Fiches technique(HTML) 1 Page - Texas Instruments

  DAC102S085 Datasheet HTML 1Page - Texas Instruments DAC102S085 Datasheet HTML 2Page - Texas Instruments DAC102S085 Datasheet HTML 3Page - Texas Instruments DAC102S085 Datasheet HTML 4Page - Texas Instruments DAC102S085 Datasheet HTML 5Page - Texas Instruments DAC102S085 Datasheet HTML 6Page - Texas Instruments DAC102S085 Datasheet HTML 7Page - Texas Instruments DAC102S085 Datasheet HTML 8Page - Texas Instruments DAC102S085 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
VA
VOUTA
VOUTB
NC
NC
SCLK
DIN
VREFIN
GND
SON
1
2
3
4
5
10
9
8
7
6
SYNC
VA
VOUTA
VOUTB
NC
NC
SCLK
DIN
VREFIN
GND
VSSOP
1
2
3
4
5
10
9
8
7
6
SYNC
DAC102S085
www.ti.com
SNAS364E – MAY 2006 – REVISED MARCH 2013
DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail
Output
Check for Samples: DAC102S085
1
FEATURES
DESCRIPTION
The DAC102S085 is a full-featured, general purpose
23
Ensured Monotonicity
DUAL 10-bit voltage-output digital-to-analog converter
Low Power Operation
(DAC) that can operate from a single +2.7V to 5.5V
Rail-to-Rail Voltage Output
supply and consumes 0.6 mW at 3V and 1.6 mW at
5V. The DAC102S085 is packaged in 10-lead SON
Power-on Reset to 0V
and VSSOP packages. The 10-lead SON package
Simultaneous Output Updating
makes the DAC102S085 the smallest DUAL DAC in
Wide power supply range (+2.7V to +5.5V)
its class. The on-chip output amplifier allows rail-to-
rail output swing and the three wire serial interface
Industry's Smallest Package
operates at clock rates up to 40 MHz over the entire
Power Down Modes
supply voltage range. Competitive devices are limited
to 25 MHz clock rates at supply voltages in the 2.7V
APPLICATIONS
to 3.6V range. The serial interface is compatible with
standard
SPI™,
QSPI,
MICROWIRE
and
DSP
Battery-Powered Instruments
interfaces.
Digital Gain and Offset Adjustment
The reference for the DAC102S085 serves both
Programmable Voltage & Current Sources
channels and can vary in voltage between 1V and VA,
Programmable Attenuators
providing the widest possible output dynamic range.
The DAC102S085 has a 16-bit input shift register that
KEY SPECIFICATIONS
controls the outputs to be updated, the mode of
operation, the powerdown condition, and the binary
Resolution: 10 Bits
input
data.
Both
outputs
can
be
updated
INL: ±2 LSB (Max)
simultaneously or individually depending on the
DNL: =0.35 / -0.25 LSB (Max)
setting of the two mode of operation bits.
Settling time: 6 µs (Max)
A power-on reset circuit ensures that the DAC output
Zero Code Error: +15mV (Max)
powers up to zero volts and remains there until there
is a valid write to the device. A power-down feature
Full-Scale Error: -0.75% FS (Max)
reduces power consumption to less than a microWatt
Supply Power
with three different termination options.
Normal: 0.6 mW (3V) / 1.6 mW (5V) (Typ)
The low power consumption and small packages of
Power Down: 0.3 µW (3V) / 0.8 µW (5V)
the DAC102S085 make it an excellent choice for use
(Typ)
in battery operated equipment.
The DAC102S085 is one of a family of pin compatible
DACs, including the 8-bit DAC084S085 and the 12-bit
DAC122S085. The DAC102S085 operates over the
extended industrial temperature range of
−40°C to
+105°C.
Pin Configuration
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc..
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - DAC102S085

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC102S085 TI1-DAC102S085 Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC102S085CIMM NSC-DAC102S085CIMM Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC102S085CIMM/NOPB TI1-DAC102S085CIMM/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC102S085CIMMX NSC-DAC102S085CIMMX Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results

Description similaire - DAC102S085

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC102S085 TI1-DAC102S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC108S085 NSC-DAC108S085 Datasheet
521Kb / 24P
   10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
   8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC108S085 TI1-DAC108S085_15 Datasheet
1Mb / 36P
[Old version datasheet]   DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com