Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD1052F Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TPD1052F
Description  High-side Power Switch for Motor, Solenoid and Lamp Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1052F Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TPD1052F Datasheet HTML 1Page - Toshiba Semiconductor TPD1052F Datasheet HTML 2Page - Toshiba Semiconductor TPD1052F Datasheet HTML 3Page - Toshiba Semiconductor TPD1052F Datasheet HTML 4Page - Toshiba Semiconductor TPD1052F Datasheet HTML 5Page - Toshiba Semiconductor TPD1052F Datasheet HTML 6Page - Toshiba Semiconductor TPD1052F Datasheet HTML 7Page - Toshiba Semiconductor TPD1052F Datasheet HTML 8Page - Toshiba Semiconductor TPD1052F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TPD1052F
2012-01-20
1
Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
TPD1052F
High-side Power Switch for Motor, Solenoid and Lamp Drivers
The TPD1052F is a monolithic power IC intended for high-side load
switching applications. The input can be directly driven from CMOS or
TTL logic (e.g., an MPU). The TPD1052F provides intelligent protection
and diagnostic functions.
Features
A structure that incorporates Bi-CMOS control circuitry and a power
MOSFET (DMOS) on a single chip.
One side of the load can be grounded.
Can be directly driven from a microprocessor.
Overtemperature and load short-circuit (Overcurrent) protections are
built in.
Incorporates a diagnosis function that allows diagnosis output to be read externally at load short (Overcurrent),
overtemperature.
Low ON- resistance. : RDS(ON) = 0.8Ω (Max) @VDD = 12V, IO = 0.5A, Tch=25℃
Low supply current. : IDD = 10μA (Max), @VDD = 12V, VIN = 0V, Tch=25℃
Housed in the PS-8 package and supplied in embossed carrier tape.
Pin Assignment (top view)
Marking
Note: That because of its MOS structure, this product is sensitive to static electricity.
SON8-P-0303-0.65
Weight: 0.017g (typ.)
VDD 1
N.C 2
IN 3
GND 4
8 OUT
7 N.C
6 DIAG
5 MASK
Lot No.
1052F
Part No.
(or abbreviation code)
Note:● on the lower left of the marking indicates Pin 1
Weekly code: (Three digits)
Week of manufacture
(01 for first week of year, continuing up to 52 or 53)
Year of manufacture
(The last digit of the calendar year)
Please contact your TOSHIBA sales representative for details
as to environmental matters such as the RoHS compatibility of
Product.
The RoHS is the Directive 2002/95/EC of the European
Parliament and of the Council of 27 January 2003 on the
restriction of the use of certain


Numéro de pièce similaire - TPD1052F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
More results

Description similaire - TPD1052F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1039F TOSHIBA-TPD1039F Datasheet
262Kb / 10P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1038F TOSHIBA-TPD1038F_07 Datasheet
262Kb / 11P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1053F TOSHIBA-TPD1053F Datasheet
247Kb / 14P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1038F TOSHIBA-TPD1038F Datasheet
263Kb / 11P
   Motor, Solenoid, Lamp Drivers High Side Power Switch
TPD1036F TOSHIBA-TPD1036F Datasheet
190Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F_13 Datasheet
196Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
   LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com