Moteur de recherche de fiches techniques de composants électroniques |
|
CDC2351QDBR Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
CDC2351QDBR Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 14 page CDC2351 1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS SCAS442D – FEBRUARY 1994 – REVISED SEPTEMBER 2000 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION th tsu From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 6 V Open GND 500 Ω 500 Ω TEST tPLH /tPHL tPLZ /tPZL tPHZ /tPZH S1 Open 6 V GND Output Control (low-level enabling) Output Waveform 1 S1 at 6 V (see Note B) Output Waveform 2 S1 at GND (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ 1.5 V 1.5 V 3 V 0 V 1.5 V VOL + 0.3 V 1.5 V VOH – 0.3 V ≈ 0 V 3 V Data Input Timing Input 1.5 V 3 V 0 V 1.5 V 1.5 V 3 V 0 V 3 V 0 V 1.5 V 1.5 V tw Input VOLTAGE WAVEFORMS VOLTAGE WAVEFORMS VOLTAGE WAVEFORMS VOLTAGE WAVEFORMS tPLH tPHL Output 1.5 V 1.5 V 3 V 0 V 1.5 V VOH VOL Input 0.8 V 2 V tr tf 0.8 V 2 V NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. D. The outputs are measured one at a time with one transition per measurement. Figure 1. Load Circuit and Voltage Waveforms |
Numéro de pièce similaire - CDC2351QDBR |
|
Description similaire - CDC2351QDBR |