Moteur de recherche de fiches techniques de composants électroniques |
|
CDC7005 Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
CDC7005 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 34 page CDC7005 3.3V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER SCAS685L− DECEMBER 2002 − REVISED JUNE 2009 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 VCC D7, E3, E4, E5, E6, E7, E8, F7, G2, G3, G4, G5, G6, G7 2, 5, 6, 9, 10, 13, 15, 18, 19, 20, 21, 41, 44, 45, 48 Power 3.3-V supply VCC and AVCC should have always same supply voltage VCXO_IN D1 42 I VCXO LVPECL input VCXO_INB E1 43 I Complementary VCXO LVPECL input Y[0:4] F1, H2, H4, H6, G8 46, 3, 7, 11, 16 O LVPECL output Y[0:4]B G1, H3, H5, H7, F8 47, 4, 8, 12, 17 O Complementary LVPECL output NOTE 1: If the internal operational amplifier is not used, these pins can be left open. SPI control interface The serial interface of the CDC7005 is a simple SPI-compatible interface for writing to the registers of the device. It consists of three control lines: CTRL_CLK, CTRL_DATA, and CTRL_LE. There are four 32-bit wide registers, which can be addressed by the two LSBs of a transferred word (bit 0 and bit 1). Every transmitted word must have 32 bits, starting with MSB first. Each word can be written separately. It is recommended to program Word 0, Word 1, Word 2 and Word 3 right after power up and NPD becomes HIGH. The transfer is initiated with the falling edge of CTRL_LE; as long as CTRL_LE is high, no data can be transferred. During CTRL_LE, low data can be written. The data has to be applied at CTRL_DATA and has to be stable before the rising edge of CTRL_CLK. The transmission is finished by a rising edge of CTRL_LE. With the rising edge of CTRL_LE, the new word is asynchronously transferred to the internal register (e.g., N, M, P, ...). Each word has to be separately transmitted by this procedure. Unused or floating inputs must be tied to proper logic level. It is recommend to use a 20k Ω or larger pull−up resistor to VCC. CTRL_DATA Bit30 Bit2 Bit1 Bit0 CTRL_CLK CTRL_LE tsu1 th2 tsu5 tsu6 t7 t4 t3 Bit31 (MSB) Figure 1. Timing Diagram SPI Control Interface |
Numéro de pièce similaire - CDC7005 |
|
Description similaire - CDC7005 |