Moteur de recherche de fiches techniques de composants électroniques |
|
1N4738A Fiches technique(PDF) 3 Page - Fairchild Semiconductor |
|
1N4738A Fiches technique(HTML) 3 Page - Fairchild Semiconductor |
3 / 5 page © 2009 Fairchild Semiconductor Corporation www.fairchildsemi.com 1N4728A - 1N4758A Rev. H3 3 Top Mark Information (Continued) General Requirements: 1.0 Cathode Band 2.0 First Line: F - Fairchild Logo 3.0 Second Line: Device name - For 1Nxx series: 3rd to 4th characters of the device name. For BZxx series: 4th to 6th characters of the device name. 4.0 Third Line: Device name - For 1Nxx series: 5th to 6th characters of the device name. For BZXyy series: Voltage rating 5.0 Third Line: Device name - For 1Nxx series: 7th to 8th characters of the device name. (the 8th character is the large die identification) For BZXyy series: Large Die Identification character 6.0 Fourth Line: Date Code - Two Digit - Six Weeks Date Code Where: X represents the last digit of the calendar year Y represents the Six weeks numeric code 7.0 Devices shall be marked as required in the device specification (PID or FSC Test Spec). 8.0 Maximum no. of marking lines: 5 9.0 Maximum no. of digits per line: 3 10.0 FSC logo must be 20 % taller than the alphanumeric marking and should occupy the 2 characters of the specified line. 11.0 Marking Font: Arial (Except FSC Logo) 12.0 First character of each marking line must be aligned vertically. 13.0 All device markings must be based on Fairchild device specification. F 47 36 A F XY 1st line: F - Fairchild Logo 2nd line: Device Name - 3rd to 4th characters of device name for 1Nxx series or 4th to 6th characters for BZXyy series 3rd line: Device Name - 5th to 6th characters of device name for 1Nxx series or Voltage rating for BZXyy series 4th line: Device Name - 7th to 8th characters of device name for 1Nxx series or Large Die identification only for BZXyy series 5th line: Date Code - Two Digit - Six Weeks Date Code |
Numéro de pièce similaire - 1N4738A |
|
Description similaire - 1N4738A |