Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS74401RGWRG4 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS74401RGWRG4
Description  3.0A Ultra-LDO with Programmable Soft-Start
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS74401RGWRG4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS74401RGWRG4 Datasheet HTML 6Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 7Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 8Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 9Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 10Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 11Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 12Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 13Page - Texas Instruments TPS74401RGWRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
-40
-20
0
20
40
60
80
100
120
V
=2.375V
BIAS
V
=5.5V
BIAS
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
JunctionTemperature( C)
°
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
2.0
2.5
3.0
3.5
4.0
4.5
V
(V)
BIAS
5.0
T =
J
+125 C
°
T =+25 C
°
J
T =
J
-
°
40 C
2.85
2.65
2.45
2.25
2.05
1.85
1.65
1.45
1.25
0
500
1000
1500
2000
2500
I
(mA)
OUT
3000
+125 C
°
+25 C
°
-
°
40 C
1
0.1
0.01
100
1k
10k
Frequency(Hz)
100k
C
=1nF
SS
C
=0nF
SS
C
=10nF
SS
I
=3A
OUT
V
=1.1V
OUT
1
0.1
0.01
100
1k
10k
Frequency(Hz)
100k
V
=3.3V
OUT
V
=2.5V
OUT
V
=1.5V
OUT
V
=1.1V
OUT
V
=0.8V
OUT
V
:V
+1.62V
BIAS
OUT
I
:3A
OUT
C :1 F(Ceramic)
m
IN
C
:1 F(Ceramic)
m
OUT
R ,R :(seeTable1)
1
2
TPS744xx
SBVS066O – DECEMBER 2005 – REVISED MARCH 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, VOUT = 1.5V, VIN = VOUT(TYP) + 0.3V, VBIAS = 3.3V, IOUT = 50mA, CIN = 1μF, CBIAS = 1μF, CSS = 0.01μF, and
COUT = 10μF, unless otherwise noted.
NOISE SPECTRAL DENSITY
NOISE SPECTRAL DENSITY
Figure 17.
Figure 18.
IBIAS vs IOUT AND TEMPERATURE
IBIAS vs VBIAS AND VOUT
Figure 19.
Figure 20.
IBIAS SHUTDOWN vs TEMPERATURE
Figure 21.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated


Numéro de pièce similaire - TPS74401RGWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS74401RGWRG4 TI-TPS74401RGWRG4 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
TPS74401RGWRG4 TI1-TPS74401RGWRG4 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
More results

Description similaire - TPS74401RGWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
[Old version datasheet]   3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com