Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS74701DRCTG4 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS74701DRCTG4
Description  500mA Low-Dropout Linear Regulator with Programmable Soft-Start
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS74701DRCTG4 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS74701DRCTG4 Datasheet HTML 1Page - Texas Instruments TPS74701DRCTG4 Datasheet HTML 2Page - Texas Instruments TPS74701DRCTG4 Datasheet HTML 3Page - Texas Instruments TPS74701DRCTG4 Datasheet HTML 4Page - Texas Instruments TPS74701DRCTG4 Datasheet HTML 5Page - Texas Instruments TPS74701DRCTG4 Datasheet HTML 6Page - Texas Instruments TPS74701DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS74701DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS74701DRCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TPS74701
SBVS099F – NOVEMBER 2007 – REVISED NOVEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
At VEN = 1.1V, VIN = VOUT + 0.3V, CBIAS = 0.1mF, CIN = COUT = 10mF, CNR = 1nF, IOUT = 50mA, VBIAS = 5.0V, and TJ = –40°C to
+125°C, unless otherwise noted. Typical values are at TJ = +25°C.
TPS74701
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
VOUT + VDO
5.5
V
VBIAS
Bias pin voltage range
2.7
5.5
V
VREF
Internal reference (Adj.)
TJ = +25°C
0.796
0.8
0.804
V
Output voltage range
VIN = 5V, IOUT = 500mA
VREF
3.6
V
VOUT
2.97V
≤ VBIAS ≤ 5.5V,
Accuracy(1)
–2
±0.5
2
%
50mA
≤ IOUT ≤ 500mA
VOUT/VIN
Line regulation
VOUT (NOM) + 0.3 ≤ VIN ≤ 5.5V
0.03
%/V
VOUT/IOUT
Load regulation
50mA
≤ IOUT ≤ 500mA
0.09
%/A
IOUT = 500mA,
VIN dropout voltage
(2)
50
120
mV
VBIAS – VOUT (NOM) ≥ 1.62V
(3)
VDO
VBIAS dropout voltage
(2)
IOUT = 500mA, VIN = VBIAS
1.31
1.39
V
ICL
Current limit
VOUT = 80% × VOUT (NOM)
800
1350
mA
IBIAS
Bias pin current
1
2
mA
Shutdown supply current
ISHDN
VEN ≤ 0.4V
1
50
mA
(IGND)
IFB
Feedback pin current
–1
0.150
1
mA
1kHz, IOUT = 500mA,
60
VIN = 1.8V, VOUT = 1.5V
Power-supply rejection
dB
(VIN to VOUT)
300kHz, IOUT = 500mA,
30
VIN = 1.8V, VOUT = 1.5V
PSRR
1kHz, IOUT = 500mA,
50
VIN = 1.8V, VOUT = 1.5V
Power-supply rejection
dB
(VBIAS to VOUT)
300kHz, IOUT = 500mA,
30
VIN = 1.8V, VOUT = 1.5V
100Hz to 100kHz,
Noise
Output noise voltage
25 × VOUT
mVRMS
IOUT = 500mA, CSS = 0.001mF
tSTR
Minimum startup time
RLOAD for IOUT = 1.0A, CSS = open
200
ms
ISS
Soft-start charging current
VSS = 0.4V
440
nA
VEN, HI
Enable input high level
1.1
5.5
V
VEN, LO
Enable input low level
0
0.4
V
VEN, HYS
Enable pin hysteresis
50
mV
VEN, DG
Enable pin deglitch time
20
ms
IEN
Enable pin current
VEN = 5V
0.1
1
mA
VIT
PG trip threshold
VOUT decreasing
85
90
94
%VOUT
VHYS
PG trip hysteresis
3
%VOUT
VPG, LO
PG output low voltage
IPG = 1mA (sinking), VOUT < VIT
0.3
V
IPG, LKG
PG leakage current
VPG = 5.25V, VOUT > VIT
0.1
1
mA
Operating junction
TJ
–40
+125
°C
temperature
Shutdown, temperature increasing
+165
Thermal shutdown
TSD
°C
temperature
Reset, temperature decreasing
+140
(1)
Adjustable devices tested at 0.8V; resistor tolerance is not taken into account.
(2)
Dropout is defined as the voltage from VIN to VOUT when VOUT is 3% below nominal.
(3)
1.62V is a test condition of this device and can be adjusted by referring to Figure 8.
4
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS74701


Numéro de pièce similaire - TPS74701DRCTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS74701DRCTG4 TI1-TPS74701DRCTG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCTG4 TI1-TPS74701DRCTG4 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
2Mb / 38P
[Old version datasheet]   TPS74701 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
More results

Description similaire - TPS74701DRCTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com