Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8644ARU Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8644ARU
Description  Single and Quad 18 V Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8644ARU Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8644ARU Datasheet HTML 2Page - Analog Devices AD8644ARU Datasheet HTML 3Page - Analog Devices AD8644ARU Datasheet HTML 4Page - Analog Devices AD8644ARU Datasheet HTML 5Page - Analog Devices AD8644ARU Datasheet HTML 6Page - Analog Devices AD8644ARU Datasheet HTML 7Page - Analog Devices AD8644ARU Datasheet HTML 8Page - Analog Devices AD8644ARU Datasheet HTML 9Page - Analog Devices AD8644ARU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8614/AD8644
Rev. B | Page 6 of 16
LOAD CURRENT (mA)
10
1
100
1k
10k
5V ≤ VS ≤ 18V
TA =25°C
SOURCE
SINK
0.001
0.01
0.1
1
10
100
Figure 10. Output Voltage to Supply Rail vs. Load Current
1000
400
0
900
500
300
100
700
600
200
800
0
1234
567
89
10
SUPPLY VOLTAGE (±V)
TA = 25°C
Figure 11. Supply Current vs. Supply Voltage
400
0
–400
300
200
–200
–300
100
–100
COMMON-MODE VOLTAGE (V)
–2.5
–1.5
–0.5
0.5
1.5
2.5
VS = ±2.5V
Figure 12. Input Bias Current vs. Common-Mode Voltage, VS = ±2.5 V
COMMON-MODE VOLTAGE (V)
400
0
–400
300
200
–200
–300
100
–100
VS =±9V
–9
–7
–5
–3
–1
013579
Figure 13. Input Bias Current vs. Common-Mode Voltage, VS = ±9 V
INPUT OFFSET VOLTAGE (mV)
180
160
0
80
60
40
20
140
100
120
2.5V ≤ VS ≤ 9V
TA = 25°C
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Figure 14. Input Offset Voltage Distribution
1.0
0.9
0.5
0.8
0.7
0.6
VS =18V
VS =5V
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
Figure 15. Supply Current vs. Temperature


Numéro de pièce similaire - AD8644ARU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8644ARU AD-AD8644ARU Datasheet
303Kb / 8P
   Single and Quad 18 V Operational Amplifiers
REV. 0
AD8644ARU AD-AD8644ARU Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
AD8644ARU-REEL AD-AD8644ARU-REEL Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
AD8644ARUZ AD-AD8644ARUZ Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
AD8644ARUZ-REEL AD-AD8644ARUZ-REEL Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
More results

Description similaire - AD8644ARU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8614 AD-AD8614 Datasheet
303Kb / 8P
   Single and Quad 18 V Operational Amplifiers
REV. 0
AD8644 AD-AD8644_15 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
AD8614 AD-AD8614_07 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
ON Semiconductor
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com