Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8842AR Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD8842AR
Description  8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8842AR Fiches technique(HTML) 1 Page - Analog Devices

  AD8842AR Datasheet HTML 1Page - Analog Devices AD8842AR Datasheet HTML 2Page - Analog Devices AD8842AR Datasheet HTML 3Page - Analog Devices AD8842AR Datasheet HTML 4Page - Analog Devices AD8842AR Datasheet HTML 5Page - Analog Devices AD8842AR Datasheet HTML 6Page - Analog Devices AD8842AR Datasheet HTML 7Page - Analog Devices AD8842AR Datasheet HTML 8Page - Analog Devices AD8842AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel:
Fax:
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
8-Bit Octal, 4-Quadrant
Multiplying, CMOS TrimDAC
FEATURES
Low Cost
Replaces 8 Potentiometers
50 kHz 4-Quadrant Multiplying Bandwidth
Low Zero Output Error
Eight Individual Channels
3-Wire Serial Input
500 kHz Update Data Loading Rate
±3 V Output Swing
Midscale Preset, Zero Volts Out
APPLICATIONS
Automatic Adjustment
Trimmer Replacement
Vertical Deflection Amplitude Adjustment
Waveform Generation and Modulation
GENERAL DESCRIPTION
The AD8842 provides eight general purpose digitally controlled
voltage adjustment devices. The TrimDAC® capability allows
replacement of the mechanical trimmer function in new designs.
The AD8842 is ideal for ac or dc gain control of up to 50 kHz
bandwidth signals. The four-quadrant multiplying capability is
useful for signal inversion and modulation often found in video
vertical deflection circuitry.
Internally the AD8842 contains eight voltage output digital-to-
analog converters, each with separate voltage inputs. A new
current conveyor amplifier design performs the four-quadrant
multiplying function with a single amplifier at the output of the
current steering digital-to-analog converter. This approach of-
fers an improved constant input resistance performance versus
previous voltage switched DACs used in TrimDAC circuits,
eliminating the need for additional input buffer amplifiers.
Each DAC has its own DAC register that holds its output state.
These DAC registers are updated from an internal serial-to-
parallel shift register that is loaded from a standard 3-wire serial
input digital interface. Twelve data bits make up the data word
clocked into the serial input register. This data word is decoded
where the first 4 bits determine the address of the DAC register
to be loaded with the last 8 bits of data. A serial data output pin
at the opposite end of the serial register allows simple daisy
chaining in multiple DAC applications without additional exter-
nal decoding logic.
TrimDAC is a registered trademark of Analog Devices, Inc.
The current conveyor amplifier is a patented circuit belonging to Analog
Devices, Inc.
The AD8842 consumes only 95 mW from
±5 V power supplies.
For single 5 V supply applications consult the DAC-8841. The
AD8842 is pin compatible with the 1 MHz multiplying band-
width DAC8840. The AD8842 is available in 24-pin plastic
DIP and surface mount SOL-24 packages.
Figure 1. Functional Circuit of One 4-Quadrant
Multiplying Channel
Figure 2. Actual Current Conveyor Implementation of
Multiplying DAC Channel
AD8842
FUNCTIONAL BLOCK DIAGRAM
V
IN
RR
V
OUT
V
OUT = VIN • (D/128 – 1)
V
IN
CURRENT CONVEYOR
AMPLIFIER
I1
I2
(1- D)
256
V
IN
R
D
256
V
IN
R
REF
R
R
V
OUT
= V
IN
(D/128–1)
LOGIC
SERIAL
REGISTER
DATA
8 X 8
DAC
R
E
G
I
S
T
E
R
S
DECODED
ADDRESS
4
8
8
DAC A
8
AD8842
DAC H
8
VDD
LD
SDI
CLK
VINA
VOUTA
VINH
VOUTH
VSS
PR
SDO
GND
G
G
A
781/329-4700
781/461-3113


Numéro de pièce similaire - AD8842AR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8842AR AD-AD8842AR Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
AD8842AR AD-AD8842AR Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842AR-REEL AD-AD8842AR-REEL Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ-REEL AD-AD8842ARZ-REEL Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results

Description similaire - AD8842AR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842_15 Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841 Datasheet
594Kb / 10P
   8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC
REV. A
logo
Sipex Corporation
SP9840 SIPEX-SP9840 Datasheet
130Kb / 10P
   8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com