Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7865BS-1 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7865BS-1
Description  Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7865BS-1 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7865BS-1 Datasheet HTML 3Page - Analog Devices AD7865BS-1 Datasheet HTML 4Page - Analog Devices AD7865BS-1 Datasheet HTML 5Page - Analog Devices AD7865BS-1 Datasheet HTML 6Page - Analog Devices AD7865BS-1 Datasheet HTML 7Page - Analog Devices AD7865BS-1 Datasheet HTML 8Page - Analog Devices AD7865BS-1 Datasheet HTML 9Page - Analog Devices AD7865BS-1 Datasheet HTML 10Page - Analog Devices AD7865BS-1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
REV. B
AD7865
–7–
Pin
Mnemonic
Description
24
VREF
Reference Input/Output. This pin provides access to the internal reference (2.5 V
± 20 mV)
and also allows the internal reference to be overdriven by an external reference source (2.5 V
± 5%). A 0.1 µF decoupling capacitor should be connected between this pin and AGND.
25
AVDD
Analog Positive Supply Voltage, 5.0 V
± 5%. A 0.1 µF decoupling capacitor should be con-
nected between this pin and AGND.
26
AGND
Analog Ground. General Analog Ground. This AGND pin should be connected to the system’s
AGND plane.
27–34
DB13–DB6
Data Bit 13 is the MSB, followed by Data Bit 12 to Data Bit 6. Three-state TTL outputs.
Output coding is twos complement for AD7865-1 and AD7865-3, and straight binary for
AD7865-2.
35
DVDD
Positive Supply Voltage for Digital section, 5.0 V
± 5%. A 0.1 µF decoupling capacitor should
be connected between this pin and AGND. Both DVDD and AVDD should be externally tied
together.
36
VDRIVE
This pin provides the positive supply voltage for the output drivers (DB0 to DB13), BUSY,
EOC and FRSTDATA. It is normally tied to DV
DD. VDRIVE should be decoupled with a
0.1
µF capacitor. It allows improved performance when reading during the conversion
sequence. Also, the output data drivers may be powered by a 3 V
± 10% supply to facilitate
interfacing to 3 V processors and DSPs.
37
DGND
Digital Ground. Ground reference for Digital circuitry. This DGND pin should be connected
to the system’s DGND plane. The system’s DGND and AGND planes should be connected
together at one point only, preferably at an AGND pin.
38, 39
DB5, DB4
Data Bit 5 to Data Bit 4. Three-state TTL outputs.
40–43
DB3–DB0
Data Bit 3 to Data Bit 0. Bidirectional data pins. When a read operation takes place, these
pins are three-state TTL outputs. The channel select register is programmed with the data on
the DB0–DB3 pins with standard
CS and WR signals. DB0 represents Channel 1 and DB3
represents Channel 4.
44
EOC
End-of-Conversion. Active low logic output indicating conversion status. The end of each
conversion in a conversion sequence is indicated by a low going pulse on this line.


Numéro de pièce similaire - AD7865BS-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7865BS-1 AD-AD7865BS-1 Datasheet
195Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. A
AD7865BS-1 AD-AD7865BS-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865BS-1 AD-AD7865BS-1 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865BS-1 AD-AD7865BS-1 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865BS-1 AD-AD7865BS-1 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
More results

Description similaire - AD7865BS-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7865ASZ-1 AD-AD7865ASZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-2 AD-AD7865ASZ-2 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-3 AD-AD7865ASZ-3 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ AD-AD7865ASZ Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865BSZ-1 AD-AD7865BSZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865 AD-AD7865_17 Datasheet
242Kb / 20P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
AD7865 AD-AD7865 Datasheet
195Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. A
AD7865ASZ-2 AD-AD7865ASZ-2 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
logo
Linear Technology
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com