Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5066BRUZ Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5066BRUZ
Description  Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5066BRUZ Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5066BRUZ Datasheet HTML 7Page - Analog Devices AD5066BRUZ Datasheet HTML 8Page - Analog Devices AD5066BRUZ Datasheet HTML 9Page - Analog Devices AD5066BRUZ Datasheet HTML 10Page - Analog Devices AD5066BRUZ Datasheet HTML 11Page - Analog Devices AD5066BRUZ Datasheet HTML 12Page - Analog Devices AD5066BRUZ Datasheet HTML 13Page - Analog Devices AD5066BRUZ Datasheet HTML 14Page - Analog Devices AD5066BRUZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5066
Rev. A | Page 11 of 24
0
1
2
3
4
5
–40
–20
0
20
40
TEMPERATURE (°C)
60
80
100
120
VDD = 5.5V
VREF = 4.096V
TA = 25°C
CODE = MIDSCALE
Figure 22. IDD vs. Temperature
2.7
3.0
3.5
4.0
4.5
SUPPLY VOLTAGE (V)
5.0
5.5
0
1
2
3
4
5
VREF = 4.096V
TA = 25°C
CODE = MIDSCALE
Figure 23. IDD vs. Supply Voltage
DIGITAL INPUT VOLTAGE (V)
0
2
4
6
8
10
0
1
2
3
4
5
6
VDD = 5.5V
VREF = 4.096V
TA = 25°C
Figure 24. IDD vs. Digital Input Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
2
3
4
5
6
7
8
9
10
TIME (µs)
1/4 TO 3/4
3/4 TO 1/4
VDD = 4.5V
VREF = 4.096V
OUTPUT AMPLIFIER = AD797
TA = 25°C
DAC LOAD = 9pF
Figure 25. Settling Time
CH1 2.00V
CH3 2.00V
CH2 2.00V
M10.00ms
A CH1
640mV
T 30.20%
VDD
VREF
VOUT
VREF = 4.096V
TA = 25°C
Figure 26. POR to 0 V
CH1 2.00V
CH3 2.00V
CH2 2.00V
M10.00ms
A CH1
640mV
T 30.20%
VDD
VREF
VOUT
VDD = 5.5V
VREF = 4.096V
Figure 27. POR to MS


Numéro de pièce similaire - AD5066BRUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ-1 AD-AD5066BRUZ-1 Datasheet
445Kb / 20P
   Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Rev. PrB
AD5066BRUZ-1REEL7 AD-AD5066BRUZ-1REEL7 Datasheet
445Kb / 20P
   Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Rev. PrB
AD5066BRUZ-REEL7 AD-AD5066BRUZ-REEL7 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
More results

Description similaire - AD5066BRUZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5024 AD-AD5024_16 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5025 AD-AD5025_16 Datasheet
1Mb / 25P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066 AD-AD5066 Datasheet
445Kb / 20P
   Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Rev. PrB
AD5064BRUZ-1 AD-AD5064BRUZ-1 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5044 AD-AD5044_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com